Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 24 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 24 Page - Micronas

Back Button MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
24
Micronas
D1:7ef
R/W
Service Component Selection (0..7) and Decoding Control
bit [15]
OutputMute
0
normal operation
1
mute output
bit [14]
AutoScan Autoscan function
0
disable autoscan function
1
enable autoscan function,
skip non-audio SCs
bit [13]
BCChange Broadcast Channel Change
0
cleared on SCH-rescynchronization
1
clears all previous SCH-information
Setting this bit clears all previous SCH-information and thus pre-
pares the MAS 3506D for a BC-change. This ensured the availabil-
ity of the correct SCH-data for the new BC.
bit [12]
MPEGResync
0
allows resynchronization only after
SCH-detection
1
MPEG-resynchronization enabled
bit [11:3]
reserved, set to 0
bit [2:0]
SC
Zero-based number of audio Service
Component to be decoded
0
decode SC 1
...
7
decode SC 8
NumSC
D1:7f0
R/W
Counter for Broadcast Channel Frames
bit [15:0]
BCCount
Counter for the decoded Broadcast
Channel frames
The BCFrameCnt ist incremented by one for each successfully
decoded BC-frame (432 ms) since reset. This address is writable,
thus the controller may reset/preset the content at any time to an
arbitrary value.
BCFrameCnt
D1:7f1
R/W
Counter for MPEG Frames
bit [15:0]
MPEGFrameCnt
Counter for the decoded MPEG-frames
The MPEGFrameCnt ist incremented by one for each successfully
decoded MPEG-frame (24...72 ms) since reset. This address is
writable for a reset/preset.
MPEG-
FrameCnt
Table 3–11: Control and status memory cells, continued
Address
(hex)
R/W
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com