Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 19 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 19 Page - Micronas

Back Button MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
19
3.3.7. Write Memory (Codes Ahex and Bhex)
The memory areas D0 and D1 can be written by using
the codes ahex and bhex, respectively.
With the Write D0/D1 Memory command n 20-bit
memory cells in D0 can be initialized with new data.
Example: Write 80234hex to D1:456 has the following
I2C protocol:
<3a 68 b0 00
write D1 memory
00 01
1 word to write
04 56
start address
00 08
value = 80234hex
02 34>
3.3.8. Read Register (Code Dhex)
The MAS 3506D has an address space of 256 DSP-
registers. Some of the registers (r = r1,r0 in the figure
above) are direct control inputs for various hardware
blocks, others control the internal program flow. In
Table 3–10, the registers of interest are described in
detail. In contrast to memory cells, registers cannot be
accessed as a block but must always be addressed
individually.
Example:
Read the content of the register c8hex:
<3a 68 dc 80>
define register
<3a 69 <3b xx xd dd dd >
and read
3.3.9. Read Memory (Codes Ehex and Fhex)
The MAS 3506D has 2 memory areas called D0 and
D1 using the codes ehex and fhex for their read com-
mands, respectively.
The Read D0/D1 Memory command gives the control-
ler access to all 20 bits of the memory cells of the
MAS 3506D. The telegram for reading 3 words starting
at location D1:100 is
<3a 68 f0 00 00 03 01 00>
<3a 69 <3b xx xd dd dd
xx xd dd dd xx xd dd dd >
3.3.10.Default Read
The Default Read command immediately returns the
lower 16 bits of the main status cell (“Status”) of the
MAS 3506D and may be used to poll the processor
status. The meaning of the returned bits is given in the
description of control memory cell D1:7ee in Table 3–
11 on page 23.
SDW
data_write
WA
A
A
WA
a,0
0,0
WA
x,x
A
x,d4
P
AW
A
n3,n2
n1,n0
AW
A
a3,a2
a1,a0
WA
d3,d2
A
d1,d0
WA
x,x
A
x,d4
WA
d3,d2
A
d1,d0
....repeat for n data values....
1) send command
2) get register value
SDW
data_write
WA
A
A
WA
P
d,r1
r0,0
SDW
data_read
WA
A
WN
d3,d2
S
A
DR
A
d1,d0
P
WA
x,x
A
x,d4
W
1) send command (Read D0)
2) get register value
SDW
data_write
WA
A
A
WA
e,0
0,0
SDW
data_read
WA
A
WA
x,x
S
A
DR
A
x,d4
P
AW
A
n3,n2
n1,n0
AW
A
P
a3,a2
a1,a0
WA
d3,d2
A
d1,d0
WA
N
x,x
A
x,d4
W
d3,d2
A
d1,d0
....repeat for n data values....
W
W
SDW
data_read
WA
A
N
S
A
DR
P
W
d3,d2
A
d1,d0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com