Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 22 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 22 Page - Micronas

Back Button MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
22
Micronas
c8
R
PIO-Register
The PIO-register is used to monitor the actual status of the PIO-
pins for both, PIO-output and PIO-input lines. Bit 0 of the PIO reg-
ister corresponds to pin PI0, bit 1 to PI1 etc. Due to the latency of
the MAS 3506D only slow events (>1 ms) can be monitored.
Please also refer to Section 4.6.3.2.
bit [19]
BC-FRAME-TOGGLE
Output level toggles with each BC-frame,
tframe = 432 ms
bit [18]
BCENABLE
0
use SID*, SII*, SIC*
1
use SID, SII, SIC
bit [13]
BC-FRAME-SYNC
0
cleared after SCH-read operation
1
start of new frame
bit [12]
BC-SYNC
0
unsynchronized
1
synchronized to BC
bit [8]
Decoding-ERROR
0
no error
1
error or sync lost
bit [4]
MPEG-FRAME-SYNC
0
cleared after anciliary data were read
1
sync to a new MPEG-frame
bit [3]
AUD-SW
This bit may be used to monitor a signal
from the headphone jack that indicates
switching between headphone and
loudspeaker mode.
bit [2:0]
These three free input lines return the
state logic level of the respective PIO-
pins. They may be used as a port
expansion of the controller.
PIO
Table 3–10: Control Registers, continued
Address
(hex)
R/W
Function
Default
(hex)
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com