Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 37 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 37 Page - Micronas

Back Button MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas MAS3506D Datasheet HTML 36Page - Micronas MAS3506D Datasheet HTML 37Page - Micronas MAS3506D Datasheet HTML 38Page - Micronas MAS3506D Datasheet HTML 39Page - Micronas MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
37
4.6. Electrical Characteristics
4.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
4.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TA
Ambient operating temperature
−40
85
°C
TS
Storage temperature
−40
125
°C
PMAX
Power dissipation
VDD, XVDD,
AVDD
600
mW
VSUP
Supply voltage
VDD, XVDD,
AVDD
5.5
V
VIdig
Input voltage, all digital inputs
−0.3
VSUP +0.3
V
IIdig
Input current, all digital inputs
−20
+20
mA
IOut
Current, all digital output
0.5
A
IOutDC
Current
DCSO
1.5
A
VII2C
Input voltage, I2C-Pins
I2CC,
I2CC
−0.3
5.5
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
TA
Ambient temperature range
−40
85
°C
VSUP
Supply voltage
VDD, XVDD,
AVDD
2.7
3.0
3.6
V
Reference Frequency Generation
CLKF
Clock frequency
CLKI
14.725
MHz
CLKI_V
Clock input voltage
0
VSUP
V
CLKAmp
Clock amplitude
0.5
Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com