Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 33 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 33 Page - Micronas

Back Button MAS3506D Datasheet HTML 29Page - Micronas MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas MAS3506D Datasheet HTML 36Page - Micronas MAS3506D Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
33
4.3. Pin Descriptions
4.3.1. Power Supply Pins
Connection of all power supply pins is mandatory for
the function of the MAS 3506D.
VDD
SUPPLY
VSS
SUPPLY
The VDD/VSS pair is internally connected with all digi-
tal modules of the MAS 3506D.
XVDD
SUPPLY
XVSS
SUPPLY
The XVDD/XVSS pins are the supply lines for the pin
output buffers.
AVDD
SUPPLY
AVSS
SUPPLY
The AVDD/AVSS pair is internally connected with the
analog blocks of the MAS 3506D, i.e. clock synthe-
sizer and supply voltage supervision circuits.
4.3.2. DC/DC Converter Pins
DCEN
DC/DC ENABLE
IN
The DCEN input signal starts and enables the DC/DC
converter operation.
DCSG
SUPPLY
The DC converter Signal Ground pin is used as a
basepoint for the internal switching transistor of the
DC/DC converter. It must always be connected to
ground.
DCSO
OUT
DCSO is an open drain output and should be con-
nected with external circuitry (inductor/diode) to start
the DC/DC converter. When the DC/DC converter is
not used, it has to be connected to VSS.
VSENS
IN
The VSENS pin is the input for the DC/DC converter
feedback loop. It must be connected directly with the
Schottky diode and the capacitor as shown in Fig. 2–5
on page 10.
When the DC/DC converter is not used, it has to be
connected to VDD.
4.3.3. Control Lines
I2CC
SCL
IN/OUT
I2CD
SDA
IN/OUT
Standard I2C control lines. Normally there are pull-up
resistors from each line to VDD.
4.3.4. Parallel Interface Control Lines
PR
IN
PCS
IN
RTR
OUT
RTW
OUT
EOD
OUT
PIO handshake lines. Their use depends on the actual
firmware on the MAS 3506D. Usage of these lines in
the standard WorldSpace configuration is not planned.
4.3.5. Parallel Interface Data Lines
General purpose Parallel IO pins. The information of
the input and output signals may also be read from
Register c8hex (please refer to Table 3–10 in Section
Section 3.4. on page 20).
PI19
BC-FRAME-TOGGLE
OUT
The BC-FRAME-TOGGLE output toggles its state after
each correctly decoded Broadcast Channel Frame
(432 ms). This pin can be used for monitor the proper
function of the system.
PI18
BCINENABLE
IN
PI18 is used as input pin to sense the status of the
BCINENABLE line at the WorldSpace connector. On
low input level the alternative BC-input lines SIC*, SII*
and SID* are activated and SIC, SII, SID are deacti-
vated.
PI17
RESERVED
IN/OUT
PI16
SIC*
IN
PI15
SII*
IN
PI14
SID*
IN
The SIC*, SID*, and SII* may be configured as alterna-
tive serial input lines in order to support alternative
serial digital sources. SID* (PI14) is used as Broadcast
Channel data input from the Broadcast Channel I/O
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com