Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 34 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 34 Page - Micronas

Back Button MAS3506D Datasheet HTML 30Page - Micronas MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas MAS3506D Datasheet HTML 36Page - Micronas MAS3506D Datasheet HTML 37Page - Micronas MAS3506D Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
34
Micronas
PI13
BC-FRAME-SYNC
OUT
The BC-FRAME-SYNC is reset after POR and set to
‘1’ after each correctly decoded SCH. It will only be
cleared if the controller reads out SCH information
from the MAS 3506D.
PI12
BC-SYNC
OUT
The BC-SYNC is set, if the MAS 3506D is in the state
of proper decoding of the Broadcast Channel bit-
stream.
PI8
DECODING-ERROR
OUT
The Decoding-Error pin is activated, if during decoding
of the Broadcast Channel, the MPEG frame an error
occurs or if no input bitstream is applied.
PI4
MPEG-FRAME-SYNC
IN
The MPEG-FRAME-SYNC signal indicates that an
MPEG header has been decoded properly and the
internal MPEG decoder is in a synchronized state. The
MPEG-FRAME-SYNC signal is inactive after Power-
On Reset and will be activated when a valid MPEG
Layer 3 header has been recognized. The signal will
be cleared if the ancillary data information is read out
by the controller via I2C interface.
PI3
AUD-SW
IN
The AUD-SW input may sense the headphone jack
and deposit its information in Bit 3 of register c8hex
(please refer to Table 3–10 on page 20.) This way the
controller can get the information weather a loud-
speaker or a headphone should be supplied and can
set the BAS_INVR bit in DRD 3515A’s register
GLB_CONFIG accordingly.
PI2
RESERVED
IN
PI1
RESERVED
IN
PI0
RESERVED
IN
4.3.6. Voltage Supervision And Other Functions
CLKI
IN
CLKO
OUT
CLKI and CLKO are the input and output clock lines to
be connected to the DRD 3515A. CLKI expects
14.725 MHz, CLKO delivers 24.576 MHz synchronous
to the audio data stream.
PUP
POWER UP
OUT
The PUP output indicates that the power supply volt-
age exceeds its minimal level (software adjustable).
WSEN
DSP ENABLE
IN
WSEN enables DSP and DC/DC-converter operation.
It must also be set to activate the control interface e.g.
to reprogram the DC/DC-converter.
WRDY
OUT
WRDY has two functionalities depending on the state
of the WSEN signal.
If WSEN = 0, it indicates that a valid clock has been
recognized at the CLKI clock input.
If WSEN = 1, the WRDY output will be set to ‘0’ until
the internal clock synthesizer has locked to the incom-
ing audio data stream, and thus, the CLKO clock out-
put signal is valid.
4.3.7. Serial Input Interface
SID
IN
SII
IN
SIC
IN
Data, Frame Indication and Clock line of the serial
input interface. The SII line should be connected with
VSS in the standard WorldSpace mode. The SID and
SIC lines are used for the Broadcast Channel input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com