Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 35 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 35 Page - Micronas

Back Button MAS3506D Datasheet HTML 31Page - Micronas MAS3506D Datasheet HTML 32Page - Micronas MAS3506D Datasheet HTML 33Page - Micronas MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas MAS3506D Datasheet HTML 36Page - Micronas MAS3506D Datasheet HTML 37Page - Micronas MAS3506D Datasheet HTML 38Page - Micronas MAS3506D Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
35
4.3.8. Serial Output Interface
SOD
OUT
SOI
OUT
SOC
OUT
Data, Frame Indication and Clock line of the serial
audio output interface (I2S). The SOC line can be
deactivated, if only the DRD 3515A D/A converter is
connected. The SOI indicates, whether the left or the
right audio sample is transmitted. In the default setting
a left audio sample always corresponds to SOI = low.
4.3.9. Miscellaneous
POR
IN
The Power-On Reset pin is used to reset the digital
parts of the MAS 3506D.
TE
IN
The TE pin is for production test only and must be con-
nected with VSS in all applications.
4.4. Pin Configuration
Fig. 4–3: PMQFP44 package
Fig. 4–4: PLCC44 package
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
12
34
56
78
9
10 11
33 32 31 30 29 28 27 26 25 24 23
PI3
PI2
PI1
PI0
CLKO
PUP
WSEN
WRDY
AVDD
CLKI
AVSS
PI13
SID
SII
SIC
PI17
PI18
PI19
PCS
PR
VSENS
DCSO
SIC
SII
SID
XVSS
XVDD
PI4
PI8
SOC
SOI
SOD
PI12
POR
I2CC
I2CD
VDD
VSS
TE
DCEN
EOD
RTR
RTW
DCSG
MAS 3506D
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
18 19 20 21 22 23 24 25 26 27 28
6
5
4
3
2
1
44 43 42 41 40
AVSS
CLKI
AVDD
WRDY
WSEN
PUP
CLKO
PI0
PI1
PI2
PI3
DCSO
VSENS
PR
PCS
PI19
PI18
PI17
SIC
SII
SID
PI13
POR
I2CC
I2CD
VDD
VSS
TE
DCEN
EOD
RTR
RTW
DCSG
SIC
SII
SID
XVSS
XVDD
PI4
PI8
SOC
SOI
SOD
PI12
MAS 3506D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com