Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 11 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 11 Page - Micronas

Back Button MAS3506D Datasheet HTML 7Page - Micronas MAS3506D Datasheet HTML 8Page - Micronas MAS3506D Datasheet HTML 9Page - Micronas MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
11
2.5.2. Parallel Input Output Interface (PIO)
The parallel interface of the MAS 3506D consists of
the lines PI0..PI4, PI8, PI12..PI19:
These signals are used to indicate the status of the
Broadcast Channel and the MPEG Layer 3 decoder.
The PIO pin status is also accessible via I2C interface
(see Table 3–10).
Table 2–2: PIO input and output pin assignment
during MPEG decoding
PIO
Pin
Name
Comment
PI19
(O)
BC-FRAME-TOGGLE
0
1
Output level tog-
gled each BC-
FRAME
PI18
(I)
BCINENABLE
0
1
enables SI* inputs
enables SI inputs
PI13
(O)
BC-FRAME-SYNC
0
1
start of new frame
P12
(O)
BC-SYNC
0
1
unsynched
synched to BC
PI8
(O)
MPEG-CRC-ERROR
0
1
no error
CRC-error or sync
lost
PI4
(O)
MPEG-FRAME-SYNC
0
1
sync to a new
MPEG frame
PI3
(I)
AUD-SW
May be used to
monitor a signal
indicating switch-
ing between
Headphone and
Loudspeaker
mode.
PI2,
PI1,
PI0
(I)
Reserved
The PI-pins may
be monitored by
reading the PIO
register (see
Table 3–10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com