Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 21 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 21 Page - Micronas

Back Button MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
21
8e
continued
int selectfrequency(double fstation) {
double fq,fdiv;
double fqmax = 0;
int imax = 0;
for (int i=0;i<16;i++) {
fdiv = 14725000/(2*(32+i));
fq = fstation/fdiv;
fq = fabs(fq-floor(fq)-0.5)*fdiv;
if (fq > fqmax) imax = i;
}
return imax;
}
Modifications to this algorithm are applicable. It may be useful to
finish this procedure if fqmax reaches a certain minimum value, or
a preprocessed table for all possible AM-carrier frequencies may
be stored in ROM for the controller.
DCCF
continued
DC/DC-Converter Voltage
The output voltage is selected with bits 16...14 and 9. There is a
threshold between the output voltage of the DC/DC converter and
the internal voltage monitor. The PUP signal becomes inactive
when the output drops below the monitor voltage.
Setting
bit [16:14] and [9]
DC/DC-Converter
Output Voltage/V
Internal Monitor
Voltage/V
1 11
0
1 10
0
1 01
0
1 00
0
0 11
0
0 10
0
0 01
0
0 00
0
1 11
1
1 10
1
1 01
1
1 00
1
0 11
1
0 10
1
0 01
1
0 00
1
3.57
3.46
3.35
3.25
3.14
3.04
2.94
2.83
2.73
2.63
2.52
2.42
2.32
2.22
2.12
2.02
3.38
3.27
3.16
3.06
2.95
2.85
2.75
2.64
2.54
2.44
2.33
2.23
2.13
2.03
1.93
1.82
Table 3–10: Control Registers, continued
Address
(hex)
R/W
Function
Default
(hex)
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com