Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 13 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 13 Page - Micronas

Back Button MAS3506D Datasheet HTML 9Page - Micronas MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
13
3. Controlling
3.1. I2C-Access
Communication between the MAS 3506D and the
external controller is done via an I2C slave interface.
3.1.1. Device Address
The device addresses are 3ahex for writing (DW) and
3bhex for reading (DR), respectively. I
2C clock syn-
chronization is used to slow down the bus if required.
3.1.2. I2C Registers and Subaddresses
The interface uses one level of subaddresses. The
MAS 3506D interface has 3 subaddresses allocated
for the corresponding I2C-registers.
The address 6ahex is used for basic control, i.e. reset
and task select. The other addresses are used for data
transfer from/to the MAS 3506D.
The I2C-control and data registers of the MAS 3506D
are 16 bits wide, the MSB is denoted as bit [15]. Trans-
missions via I2C-bus have to take place in 16-bit words
(two byte transfers, MSB sent first); thus for each reg-
ister access two 8-bit data words must be sent/
received via I2C-bus.
3.1.3. Conventions for the Command Description
The description of the various controller commands
uses the following formalism:
– Abbreviations used in the following descriptions:
a
address
d
data value
n
count value
o
offset value
r
register number
x
don’t care
– Memory addresses like D1:89f are always in hexa-
decimal notation.
– A data value is split into 4-bit nibbles which are
numbered beginning with 0 for the least significant
nibble.
– Data values in nibbles are always shown in hexa-
decimal notation.
– A hexadecimal 20-bit number d is written, e.g. as
d = 17c63hex, its five nibbles are
d0 = 3hex, d1 = 6hex, d2 = chex, d3 = 7hex, and d4 =
1hex.
– Variables used in the following descriptions:
DW
3ahex
I2C-device write
DR
3bhex
I2C-device read
data_write
68hex
data register write
data_read
69hex
data register read
control
6ahex
control register write
– Bus signals
SStart
PStop
A
ACK = Acknowledge
N
NAK = Not acknowledge
W Wait = a wait time (
≤ 4 ms) may occur
– Symbols in the telegram examples
<
Start condition
>
Stop
dd
data byte
xx
ignore
All telegram digits are hexadecimal, data originating
from the MAS 3506D are grayed.
Example:
<3a 68 dd dd>
write data to DSP
<3a 69 <3b dd dd >
read data from DSP
Figure 3–1 shows I2C bus protocols for read and write
operations of the interface; the read operation requires
an extra start condition and repetition of the I2C-device
address with the read command (DR). Fields with sig-
nals/data originating from the MAS 3506D are marked
by a gray background. Note that in some cases the
data reading process must be concluded by a NAK
condition.
The MAS 3506D firmware scans the I2C interface peri-
odically and checks for pending or new commands.
Table 3–1: I2C device address bits
A6
A5
A4
A3
A2
A1
A0
write/
read
001
11010/1
Table 3–2: I2C subaddresses
Sub-
address
I2C-
Register
Function
68hex
data_write
Controller writes to
MAS 3506D data register
69hex
data_read
Controller reads from
MAS 3506D data register
6ahex
control
Controller writes to
MAS 3506D control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com