Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 14 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 14 Page - Micronas

Back Button MAS3506D Datasheet HTML 10Page - Micronas MAS3506D Datasheet HTML 11Page - Micronas MAS3506D Datasheet HTML 12Page - Micronas MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
14
Micronas
The commands are then executed by the DSP during
its normal operation without any loss or interruption of
the incoming data or outgoing audio data stream.
However, due to some time critical firmware parts, a
certain latency time for the response has to be
expected at the locations marked with a “W” (= wait).
The theoretical worst case response time does not
exceed 4 ms. However, the typical response time is
less than 0.5 ms.
3.2. I2C Control Register (Subaddress 6Ahex)
The I2C control register is a write-only register. Its
main purpose is the software reset of the MAS 3506D.
The software reset is done by writing a 16-bit word to
the MAS 3506D with bit 8 set. The 4 least significant
bits are reserved for task selection. The task selection
is only useful in combination with download software.
In the standard application these bits must always be
set to 0.
Fig. 3–1: I2C-bus protocol for the MAS 3506D. Signals originating from the MAS 3506D are grayed.
Table 3–3: Control register data bit assignment1)
1) x = don’t care, R = reset, T3...T0 = task selection
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
xx
xx
xx
xR
0
0
0
0
T3 T2 T1 T0
SDW
control
WA
A
A
WA
P
d3,d2
d1,d0
W
high byte data
low byte data
A
P
Example: I2C write access
SDA
SCL
1
0
S
P
DR (3bhex)
Example: I2C read access
DW (3ahex)
data_read (69hex)
SDW (3ahex)A
data_write (68hex)
A
high byte data
A
low byte data
A
P
N
W = Wait
A = Acknowledge (Ack)
N = Not Acknowledge (NAK)
S = Start
P = Stop
A
S
S
A
A
A
W
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com