Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 17 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 17 Page - Micronas

Back Button MAS3506D Datasheet HTML 13Page - Micronas MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
17
The data values that are returned are organized in the
following table:
The ancillary data values are copied in the reverse
order into this data field where the last bit received is
place at bit 0 of the data word at offset 3. The number
of data words with content can be calculated as fol-
lows:
int [(NumberOfAncillaryBits-1)/16] + 1
Limitations:
– The maximum number of data words that can be
read out are 28.
– The upper limit for ancillary data bitrate is 9600 bps.
– The ancillary data are only valid for 6 ms after the
MPEG-FRAME-SYNC signal.
Memory example:
The MPEG bitstream contains 20 bits of ancillary data
with the content f0f08hex. Then the ancillary data field
content will be:
Telegram example:
First get the content of ’Number of ancillary bits’:
<3a
device write ( I2C-address)
68
data write
60 81>
code 6hex, offset 2, count 1:
Get number of ancillary bits
<3a 69 <3b
initiate reading
dd dd >
and read number of bits
Calculate number of words to be read from the number
of bits received (e.g. 20 bits require two words).
<3a
device write (I2C-address)
68
data write
60 c2>
code 6hex, offset 3, count 2:
Read two words from offset 3.
<3a 69 <3b
initiate reading
dd dd
and read two words
dd dd >
Table 3–7: Content of ancillary data field
Offset
Content
0
Bit 17..32 of MPEG header1)
1) see address D1:7f6 in Table 3–11 on page 23
1
Bit 12..16 of MPEG header2)
2) see address D1:7f5 in Table 3–11 on page 23
2
Number of ancillary data bits
3
Last 16 bits of ancillary data
...
≤28
First 16 bits of ancillary data
Table 3–8: Ancillary data example
Offset
Content
0
Bit 17..32 of MPEG header
1
Bit 12..16 of MPEG header
214hex (number of anc bits)
30f08hex (bit-order reversed)
4xxxfhex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com