Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 41 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 41 Page - Micronas

Back Button MAS3506D Datasheet HTML 37Page - Micronas MAS3506D Datasheet HTML 38Page - Micronas MAS3506D Datasheet HTML 39Page - Micronas MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas MAS3506D Datasheet HTML 43Page - Micronas MAS3506D Datasheet HTML 44Page - Micronas MAS3506D Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
41
4.6.3.2. Timing of PIO-Signals
Behavior of the FRAME signals
The BC-FRAME-TOGGLE toggles its level from ’1’ to
’0’ and vice-versa every 432 ms. The BC-FRAME-
SYNC signal is set to ’1’ after the internal decoding
process for the Service Control Header has been fin-
ished for one frame. The signal could be used as an
interrupt input for the controller that triggers the read
out of the Service Control Header. As soon as the
MAS 3506D has recognized the corresponding read
command for the SCH, the BC-FRAME-SYNC is reset
before sending the first data word. The time tread
depends on the response time of the controller. This
behavior reduces the possibility of not recognizing the
BC-FRAME-SYNC active state, if no controller inter-
rupt line is available for this purpose.
A similar behavior is implemented for MPEG-FRAME-
SYNC signal. However the frame period is restricted to
the MPEG frame length, the reset is initiated by issuing
a ’Read Ancillary MPEG Data’ command.
Fig. 4–16: Schematic timing of BC-FRAME signals
Table 4–1: PIO Characteristics
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
tBCTP
BC-frame toggle time
PI19
432
ms
Vh
VL
432 ms
BC-FRAME-TOGGLE (PI 19)
432 ms
Vh
VL
BC-FRAME-SYNC (PI13)
tread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com