Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 18 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 18 Page - Micronas

Back Button MAS3506D Datasheet HTML 14Page - Micronas MAS3506D Datasheet HTML 15Page - Micronas MAS3506D Datasheet HTML 16Page - Micronas MAS3506D Datasheet HTML 17Page - Micronas MAS3506D Datasheet HTML 18Page - Micronas MAS3506D Datasheet HTML 19Page - Micronas MAS3506D Datasheet HTML 20Page - Micronas MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
18
Micronas
3.3.5. Read SCH-Data (Code 8hex)
The availability of Service Control Header data is indi-
cated by the related status registers or the BC-
FRAME-SYNC.
The
instruction
parameters
are
embedded in the 3 nibbles o2..o0. The 6 MSBs indi-
cate half of the address offset counted in 16-bit words
where the read out of the SCH data shall start. The 6
LSBs indicate half of the number of 16-bit words that
are to be transmitted by the MAS 3506D.
Example:
If 4 words starting with SCH-word 10 shall be read out
the command parameters o2..o0 have to be set to:
Thus the command sequence that is to be sent to the
MAS 3506D is:
<3a
device write (MAS 3506D I2C-address)
68
data write
81 42>
code 8hex, 4 words from offset word 10
The data read sequence is then initialized by
<3a
DW (MAS 3506D write address)
69
data read
<3b
DR (MAS 3506D read address)
Then the MAS 3506D will send the SCH-values
dd dd
SCH10.h, SCH10.l
dd dd
SCH11.h, SCH11.l
dd dd
SCH12.h, SCH12.l
dd dd >
SCH13.h, SCH13.l
where SCHx.h/l refers to the high/low part of the xth
word of the SCH.
Common Parameters with Command-Code 8hex
Often the four nibbles defining start address and
amount to be transmitted (8hex, o2, o1, o0) may have
the following values:
– 80 04: Read 16 bytes (= 8 words, 6 LSBs = 4)
from the beginning (offset = 0, 6 MSBs = 0) of the
SCH (i.e. everything from the beginning up to ADF2)
– 81 01: Read 4 bytes (= 2 words, 6 LSBs = 1) start-
ing at 16 bytes (= 8 words, 6 MSBs = 4) offset (i.e.
one Service Component Control Field SCCF)
– 81 05: Read 20 bytes (= 10 words, 6 LSBs = 5)
starting at 16 bytes (= 8 words, 6 MSBs = 4) offset
(i.e. 5 Service Component Control Fields SCCF)
3.3.6. Write Register (Code 9hex)
The
controller
writes
the
20-bit
value
(d = d4,d3,d2,d1,d0) into the MAS 3506D register
(r = r1,r0). A list of registers needed for control pur-
poses is given in Table 3–10 on page 20.
Example: Writing the value 81234hex into the register
with the number aahex:
<3a 68 9a a8 12 34>
Table 3–9: SCH-command example
11
10
9
8
7
6
5
4
3
2
1
0
o2
o1
o0
000
101
000
010
52
5 means offset of
(10 16-bit-words)/2
2 means amount of
(4 16-bit-words)/2
1) send command (Read D0)
2) get SCH-values
SDW
data_write
W
AAA
W
A
8,o2
o1,o0
SDW
data_read
WA
A
S
A
DR
P
P
WA
d3,d2
A
d1,d0
N
W
d3,d2
A
d1,d0
....repeat for n data values....
W
SDW
data_write
WA
A
A
WA
9,r1
r0,d4
AW
A
P
d3,d2
d1,d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com