Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 38 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 38 Page - Micronas

Back Button MAS3506D Datasheet HTML 34Page - Micronas MAS3506D Datasheet HTML 35Page - Micronas MAS3506D Datasheet HTML 36Page - Micronas MAS3506D Datasheet HTML 37Page - Micronas MAS3506D Datasheet HTML 38Page - Micronas MAS3506D Datasheet HTML 39Page - Micronas MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
38
Micronas
Levels
IIL27
Input low voltage
at VSUP = 2.7 V ... 3.6 V
POR
I2CC,
I2CD,
DCEN,
WSEN
0.4
V
IIH36
Input high voltage
at VSUP = 2.7 V ... 3.6 V
1.8
V
IIH33
Input high voltage
at VSUP = 2.7 V ... 3.3 V
1.7
V
IIH30
Input high voltage
at VSUP = 2.7 V ... 3.0 V
1.6
V
IILD
Input low voltage
PI<i>1),
SII,
SIC,
SID,
PR,
PCS,
TE,
0.4
V
IIHD
Input high voltage
VSUP−
0.5
V
Trf
Rise/fall time of digital inputs
PI<i>,
SII,
SIC,
SID,
PR,
PCS, CLKI
10
ns
Dcycle
Duty cycle of digital clock inputs
SIC, CLKI
40
50
60
%
DC-DC converter external circuitry
C1
Blocking capacitor
(< 100 m
Ω ESR)2)
VSENS, DCSG
330
µF
VF
Schottky diode forward voltage3)
DCSO,
VSENS
0.35
V
L
Inductance of ferrite ring core
coil4)
DCSO
22
µH
1) i = 0 to 4, 8 , 12 to 19
2) Sanyo Oscon 6SA330M
(distributed by Endrich Bauelemente, D-72202 Nagold-lselshausen)
3) ZETEX ZMCS1000
(distributed by ZETEX, D-81673 München), standard Schottky 1N5817
4) C8 R/4L, SDS0604 (distributed by Endrich Bauelemente, see above)
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com