Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 25 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 25 Page - Micronas

Back Button MAS3506D Datasheet HTML 21Page - Micronas MAS3506D Datasheet HTML 22Page - Micronas MAS3506D Datasheet HTML 23Page - Micronas MAS3506D Datasheet HTML 24Page - Micronas MAS3506D Datasheet HTML 25Page - Micronas MAS3506D Datasheet HTML 26Page - Micronas MAS3506D Datasheet HTML 27Page - Micronas MAS3506D Datasheet HTML 28Page - Micronas MAS3506D Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
PRELIMINARY DATA SHEET
MAS 3506D
Micronas
25
D1:7f3
R
System Error Indication
bit [10:0]
ErrorCode Last error of WorldSpace decoding
1xxhex
Buffer problem, causes a firmware reset:
100hex
ErrorInputTimeOut: Input time-out
101hex
ErrorServicePreambleWrong: Service
preamble wrong
102hex
ErrorBufferOverflow: Input buffer overflow
103hex
ErrorBufferUnderrun: Buffer underflow
104hex
ErrorOutputTimeout: Output time-out
105hex
ErrorBitrateIntexChanged: Bitrate index
has changed
106hex
ErrorNoLayer3SyncNextFram: No synchro-
nization found in input bitstream
2xxhex
BC-error, causes a BC-resynchronization:
100hex
ErrorSCToDecodeOutOfRange: SC to
decode is not available
101hex
ErrorSCTypeWrong: SC has no audio
1ffhex
ErrorStartBCSync: The controller has
indicated a BC-change (signal BCChange)
3xxhex
MPEG-error, causes an MPEG-
resynchronization:
300hex
ErrorSCToDecodeUserChange: A new SC
was selected
301hex
Error:
302hex
Error:
303hex
Error: Sampling rate changed
If an error occurs during decoding of the Broadcast Channel bit-
stream a number describing the error will be copied into this mem-
ory cell. The content always keeps a value corresponding to the
last detected error.
ErrorCode
D1:7f4
R/W
Counter for All Decoding Errors
bit [15:0]
ErrorCnt
Counter for all decoding errors
The ErrorCnt is incremented by one for each decoding error since
reset. This address is writable for a reset/preset. This counter is
valuable for long-time observations. For identification of the last
error see D1:7f3
ErrorCnt
Table 3–11: Control and status memory cells, continued
Address
(hex)
R/W
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com