Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3506D Datasheet(PDF) 40 Page - Micronas

Part # MAS3506D
Description  WorldSpace WorldSpace Audio Decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3506D Datasheet(HTML) 40 Page - Micronas

Back Button MAS3506D Datasheet HTML 36Page - Micronas MAS3506D Datasheet HTML 37Page - Micronas MAS3506D Datasheet HTML 38Page - Micronas MAS3506D Datasheet HTML 39Page - Micronas MAS3506D Datasheet HTML 40Page - Micronas MAS3506D Datasheet HTML 41Page - Micronas MAS3506D Datasheet HTML 42Page - Micronas MAS3506D Datasheet HTML 43Page - Micronas MAS3506D Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
MAS 3506D
PRELIMINARY DATA SHEET
40
Micronas
4.6.3.1. I2C Characteristics
at T = TA, VSUP =2.7 to 3.6 V, typ. values at TA =27°C, VSUP = 3.0 V, CLKF = 14.725 MHz, duty cycle = 50 %
Fig. 4–15: I2C timing diagram
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
RON
Output resistance
I2CC,
I2CD
60
Ω
Iload =5 mA,
VSUP =2.7 V
fI2C
I2C bus frequency
I2CC
400
kHz
tI2C1
I2C Start condition setup time
I2CC,
I2CD
300
ns
tI2C2
I2C Stop condition setup time
I2CC,
I2CD
300
ns
tI2C3
I2C clock low pulse time
I2CC
1250
ns
tI2C4
I2C clock high pulse time
I2CC
1250
ns
tI2C5
I2C data hold time before
rising edge of clock
I2CC
80
ns
tI2C6
I2C data hold time after falling
edge of clock
I2CC
80
ns
VI2COL
I2C output low voltage
I2CC,
I2CD
0.3
V
ILOAD =5 mA
II2COH
I2C output high leakage
current
I2CC,
I2CD
1uA
VI2CH =3.6 V
tI2COL1
I2C data output hold time after
falling edge of clock
I2CC,
I2CD
20
ns
tI2COL2
I2C data output setup time
before rising edge of clock
I2CC,
I2CD
250
ns
fI2C = 400kHz
tW
Wait time
I2CC,
I2CD
00.5
4
ms
I2CC
I2CD as input
I2CD as output
tI2C1
tI2C5
tI2C6
tI2C2
tI2C4
tI2C3
1/fI2C
tI2COL2
tIC2OL1
H
L
H
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com