Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 55Page - STMicroelectronics ST7LITE39 Datasheet HTML 56Page - STMicroelectronics ST7LITE39 Datasheet HTML 57Page - STMicroelectronics ST7LITE39 Datasheet HTML 58Page - STMicroelectronics ST7LITE39 Datasheet HTML 59Page - STMicroelectronics ST7LITE39 Datasheet HTML 60Page - STMicroelectronics ST7LITE39 Datasheet HTML 61Page - STMicroelectronics ST7LITE39 Datasheet HTML 62Page - STMicroelectronics ST7LITE39 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 167 page
background image
ST7LITE3
59/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
Break Function
The break function can be used to perform an
emergency shutdown of the application being driv-
en by the PWM signals.
The break function is activated by the external
BREAK pin (active low). In order to use the
BREAK pin it must be previously enabled by soft-
ware setting the BPEN bit in the BREAKCR regis-
ter.
When a low level is detected on the BREAK pin,
the BA bit is set and the break function is activat-
ed. In this case, the 4 PWM signals are stopped.
Software can set the BA bit to activate the break
function without using the BREAK pin.
When the break function is activated (BA bit =1):
– The break pattern (PWM[3:0] bits in the BREAK-
CR) is forced directly on the PWMx output pins
(after the inverter).
– The 12-bit PWM counter CNTR1 is put to its re-
set value, i.e. 00h.
– The 12-bit PWM counter CNTR2 is put to its re-
set value,i.e. 00h.
– ATR1, ATR2, Preload and Active DCRx are put
to their reset values.
– The PWMCR register is reset.
– Counters stop counting.
When the break function is deactivated after ap-
plying the break (BA bit goes from 1 to 0 by soft-
ware):
– The control of the 4 PWM outputs is transferred
to the port registers.
Figure 39. Block Diagram of Break Function
PWM0
PWM1
PWM2
PWM3
1
0
PWM0
PWM1
PWM2
PWM3
BREAKCR Register
BREAK pin
PWM counter -> Reset value
ATRx & DCRx -> Reset value
PWM Mode -> Reset value
When BA is set:
(Active Low)
(Inverters)
Note:
The BREAK pin value is latched by the BA bit.
PWM0
PWM1
PWM2
PWM3
BPEN
BA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com