Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 61Page - STMicroelectronics ST7LITE39 Datasheet HTML 62Page - STMicroelectronics ST7LITE39 Datasheet HTML 63Page - STMicroelectronics ST7LITE39 Datasheet HTML 64Page - STMicroelectronics ST7LITE39 Datasheet HTML 65Page - STMicroelectronics ST7LITE39 Datasheet HTML 66Page - STMicroelectronics ST7LITE39 Datasheet HTML 67Page - STMicroelectronics ST7LITE39 Datasheet HTML 68Page - STMicroelectronics ST7LITE39 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 167 page
background image
ST7LITE3
65/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
11.2.6 Register Description
TIMER CONTROL STATUS REGISTER
(ATCSR)
Read / Write
Reset Value: 0x00 0000 (x0h)
Bit 7 = Reserved.
Bit 6 = ICF Input Capture Flag.
This bit is set by hardware and cleared by software
by reading the ATICR register (a read access to
ATICRH or ATICRL will clear this flag). Writing to
this bit does not change the bit value.
0: No input capture
1: An input capture has occurred
Bit 5 = ICIE IC Interrupt Enable.
This bit is set and cleared by software.
0: Input capture interrupt disabled
1: Input capture interrupt enabled
Bits 4:3 = CK[1:0] Counter Clock Selection.
These bits are set and cleared by software and
cleared by hardware after a reset. They select the
clock frequency of the counter.
Bit 2 = OVF1 Overflow Flag.
This bit is set by hardware and cleared by software
by reading the TCSR register. It indicates the tran-
sition of the counter1 CNTR1 from FFh to ATR1
value.
0: No counter overflow occurred
1: Counter overflow occurred
Bit 1 = OVFIE1 Overflow Interrupt Enable.
This bit is read/write by software and cleared by
hardware after a reset.
0: Overflow interrupt disabled.
1: Overflow interrupt enabled.
Bit 0 = CMPIE Compare Interrupt Enable.
This bit is read/write by software and cleared by
hardware after a reset. It can be used to mask the
interrupt generated when any of the CMPFx bit is
set.
0: Output compare interrupt disabled.
1: Output Compare interrupt enabled.
COUNTER REGISTER 1 HIGH (CNTR1H)
Read only
Reset Value: 0000 0000 (000h)
COUNTER REGISTER 1 LOW (CNTR1L)
Read only
Reset Value: 0000 0000 (000h)
Bits 15:12 = Reserved.
Bits 11:0 = CNTR1[11:0] Counter Value.
This 12-bit register is read by software and cleared
by hardware after a reset. The counter CNTR1 is
incremented continuously as soon as a counter
clock is selected. To obtain the 12-bit CNTR1 val-
ue, software should read the counter value in two
consecutive read operations, LSB first. When a
counter overflow occurs, the counter restarts from
the value specified in the ATR1 register.
7
6
0
0
ICF
ICIE
CK1
CK0
OVF1 OVFIE1 CMPIE
Counter Clock Selection
CK1
CK0
OFF
0
0
OFF
1
1
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
1
0
15
8
0
0
0
0
CNTR1_
11
CNTR1_
10
CNTR1_
9
CNTR1_
8
7
0
CNTR1_
7
CNTR1_
6
CNTR1_
5
CNTR1_
4
CNTR1_
3
CNTR1_
2
CNTR1_
1
CNTR1_
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com