Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 36Page - STMicroelectronics ST7LITE39 Datasheet HTML 37Page - STMicroelectronics ST7LITE39 Datasheet HTML 38Page - STMicroelectronics ST7LITE39 Datasheet HTML 39Page - STMicroelectronics ST7LITE39 Datasheet HTML 40Page - STMicroelectronics ST7LITE39 Datasheet HTML 41Page - STMicroelectronics ST7LITE39 Datasheet HTML 42Page - STMicroelectronics ST7LITE39 Datasheet HTML 43Page - STMicroelectronics ST7LITE39 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 167 page
background image
ST7LITE3
40/167
POWER SAVING MODES (Cont’d)
9.4.0.1 Halt Mode Recommendations
– Make sure that an external event is available to
wake up the microcontroller from Halt mode.
– When using an external interrupt to wake up the
microcontroller, reinitialize the corresponding I/O
as “Input Pull-up with Interrupt” or “floating inter-
rupt” before executing the HALT instruction. The
main reason for this is that the I/O may be wrong-
ly configured due to external interference or by
an unforeseen logical condition.
– For the same reason, reinitialize the level sensi-
tiveness of each external interrupt as a precau-
tionary measure.
– The opcode for the HALT instruction is 0x8E. To
avoid an unexpected HALT instruction due to a
program counter failure, it is advised to clear all
occurrences of the data value 0x8E from memo-
ry. For example, avoid defining a constant in pro-
gram memory with the value 0x8E.
– As the HALT instruction clears the interrupt mask
in the CC register to allow interrupts, the user
may choose to clear all pending interrupt bits be-
fore executing the HALT instruction. This avoids
entering other peripheral interrupt routines after
executing the external interrupt routine corre-
sponding to the wake-up event (reset or external
interrupt).
9.5 ACTIVE-HALT MODE
ACTIVE-HALT mode is the lowest power con-
sumption mode of the MCU with a real time clock
(RTC) available. It is entered by executing the
‘HALT’ instruction. The decision to enter either in
ACTIVE-HALT or HALT mode is given by the LTC-
SR/ATCSR register status as shown in the follow-
ing table:.
The MCU can exit ACTIVE-HALT mode on recep-
tion of a specific interrupt (see Table 5, “Interrupt
Mapping,” on page 34) or a RESET.
– When exiting ACTIVE-HALT mode by means of
a RESET, a 256 CPU cycle delay occurs. After
the start up delay, the CPU resumes operation
by fetching the reset vector which woke it up (see
Figure 26).
– When exiting ACTIVE-HALT mode by means of
an interrupt, the CPU immediately resumes oper-
ation by servicing the interrupt vector which woke
it up (see Figure 26).
When entering ACTIVE-HALT mode, the I bit in
the CC register is cleared to enable interrupts.
Therefore, if an interrupt is pending, the MCU
wakes up immediately (see Note 3).
In ACTIVE-HALT mode, only the main oscillator
and the selected timer counter (LT/AT) are running
to keep a wake-up time base. All other peripherals
are not clocked except those which get their clock
supply from another clock generator (such as ex-
ternal or auxiliary oscillator).
Note: As soon as ACTIVE-HALT is enabled, exe-
cuting a HALT instruction while the Watchdog is
active does not generate a RESET.
This means that the device cannot spend more
than a defined delay in this power saving mode.
LTCSR1
TB1IE bit
ATCSR
OVFIE1
bit
ATCSR
CK1 bit
ATCSR
CK0 bit
Meaning
0
x
x
0
ACTIVE-HALT
mode disabled
0
0
x
x
1
x
x
x
ACTIVE-HALT
mode enabled
x
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com