Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 8Page - STMicroelectronics ST7LITE39 Datasheet HTML 9Page - STMicroelectronics ST7LITE39 Datasheet HTML 10Page - STMicroelectronics ST7LITE39 Datasheet HTML 11Page - STMicroelectronics ST7LITE39 Datasheet HTML 12Page - STMicroelectronics ST7LITE39 Datasheet HTML 13Page - STMicroelectronics ST7LITE39 Datasheet HTML 14Page - STMicroelectronics ST7LITE39 Datasheet HTML 15Page - STMicroelectronics ST7LITE39 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 167 page
background image
ST7LITE3
12/167
FLASH PROGRAM MEMORY (Cont’d)
4.4 ICC interface
ICP needs a minimum of 4 and up to 6 pins to be
connected to the programming tool. These pins
are:
– RESET: device reset
–VSS: device power supply ground
– ICCCLK: ICC output serial clock pin
– ICCDATA: ICC input serial data pin
– PB4/OSC1: main clock input for external
source (not required on devices without
OSC1/OSC2 pins)
–VDD: application board power supply (option-
al, see Note 3)
Notes:
1. If the ICCCLK or ICCDATA pins are only used
as outputs in the application, no signal isolation is
necessary. As soon as the Programming Tool is
plugged to the board, even if an ICC session is not
in progress, the ICCCLK and ICCDATA pins are
not available for the application. If they are used as
inputs by the application, isolation such as a serial
resistor has to be implemented in case another de-
vice forces the signal. Refer to the Programming
Tool documentation for recommended resistor val-
ues.
2. During the ICP session, the programming tool
must control the RESET pin. This can lead to con-
flicts between the programming tool and the appli-
cation reset circuit if it drives more than 5mA at
high level (push pull output or pull-up resistor<1K).
A schottky diode can be used to isolate the appli-
cation RESET circuit in this case. When using a
classical RC network with R>1K or a reset man-
agement IC with open drain output and pull-up re-
sistor>1K, no additional components are needed.
In all cases the user must ensure that no external
reset is generated by the application during the
ICC session.
3. The use of Pin 7 of the ICC connector depends
on the Programming Tool architecture. This pin
must be connected when using most ST Program-
ming Tools (it is used to monitor the application
power supply). Please refer to the Programming
Tool manual.
4. Pin 9 has to be connected to the PB4 pin of the
ST7 when the clock is not available in the applica-
tion or if the selected clock option is not pro-
grammed in the option byte. ST7 devices with mul-
ti-oscillator capability need to have OSC2 ground-
ed in this case.
Caution: During normal operation ICCCLK pin
must be pulled- up, internally or externally (exter-
nal pull-up of 10k mandatory in noisy environ-
ment). This is to avoid entering ICC mode unex-
pectedly during a reset. In the application, even if
the pin is configured as output, any reset will put it
back in input pull-up.
Figure 4. Typical ICC Interface
ICC CONNECTOR
HE10 CONNECTOR TYPE
APPLICATION
POWER SUPPLY
1
2
4
6
8
10
97
5
3
PROGRAMMING TOOL
ICC CONNECTOR
APPLICATION BOARD
ICC Cable
(See Note 3)
ST7
CL2
CL1
OPTIONAL
See Note 1
See Note 1 and caution
See Note 2
APPLICATION
RESET SOURCE
APPLICATION
I/O
(See Note 4)
Note with the ICP option disabled with ST7 MDT10-EPB that the external clock has to be provided on PB4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com