Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 62Page - STMicroelectronics ST7LITE39 Datasheet HTML 63Page - STMicroelectronics ST7LITE39 Datasheet HTML 64Page - STMicroelectronics ST7LITE39 Datasheet HTML 65Page - STMicroelectronics ST7LITE39 Datasheet HTML 66Page - STMicroelectronics ST7LITE39 Datasheet HTML 67Page - STMicroelectronics ST7LITE39 Datasheet HTML 68Page - STMicroelectronics ST7LITE39 Datasheet HTML 69Page - STMicroelectronics ST7LITE39 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 167 page
background image
ST7LITE3
66/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
AUTORELOAD REGISTER (ATR1H)
Read / Write
Reset Value: 0000 0000 (00h)
AUTORELOAD REGISTER (ATR1L)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 11:0 = ATR1[11:0] Autoreload Register 1.
This is a 12-bit register which is written by soft-
ware. The ATR1 register value is automatically
loaded into the upcounter CNTR1 when an over-
flow occurs. The register value is used to set the
PWM frequency.
PWM OUTPUT CONTROL REGISTER
(PWMCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = OE[3:0] PWMx output enable.
These bits are set and cleared by software and
cleared by hardware after a reset.
0: PWM mode disabled. PWMx Output Alternate
Function disabled (I/O pin free for general pur-
pose I/O)
1: PWM mode enabled
PWMx CONTROL STATUS REGISTER
(PWMxCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:2= Reserved, must be kept cleared.
Bit 1 = OPx PWMx Output Polarity.
This bit is read/write by software and cleared by
hardware after a reset. This bit selects the polarity
of the PWM signal.
0: The PWM signal is not inverted.
1: The PWM signal is inverted.
Bit 0 = CMPFx PWMx Compare Flag.
This bit is set by hardware and cleared by software
by reading the PWMxCSR register. It indicates
that the upcounter value matches the Active DCRx
register value.
0: Upcounter value does not match DCRx value.
1: Upcounter value matches DCRx value.
BREAK CONTROL REGISTER (BREAKCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = Reserved. Forced by hardware to 0.
Bit 5 = BA Break Active.
This bit is read/write by software, cleared by hard-
ware after reset and set by hardware when the
BREAK pin is low. It activates/deactivates the
Break function.
0: Break not active
1: Break active
15
8
0
0
0
0
ATR11 ATR10
ATR9
ATR8
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
7
0
0
OE3
0
OE2
0
OE1
0
OE0
7
6
0
0
0
0
0
0
0
OPx
CMPFx
7
0
0
0
BA
BPEN
PWM3
PWM2
PWM1
PWM0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com