Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 79Page - STMicroelectronics ST7LITE39 Datasheet HTML 80Page - STMicroelectronics ST7LITE39 Datasheet HTML 81Page - STMicroelectronics ST7LITE39 Datasheet HTML 82Page - STMicroelectronics ST7LITE39 Datasheet HTML 83Page - STMicroelectronics ST7LITE39 Datasheet HTML 84Page - STMicroelectronics ST7LITE39 Datasheet HTML 85Page - STMicroelectronics ST7LITE39 Datasheet HTML 86Page - STMicroelectronics ST7LITE39 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 167 page
background image
ST7LITE3
83/167
SERIAL PERIPHERAL INTERFACE (Cont’d)
11.4.5.4
Single
Master
and
Multimaster
Configurations
There are two types of SPI systems:
– Single Master System
– Multimaster System
Single Master System
A typical single master system may be configured,
using a device as the master and four devices as
slaves (see Figure 53).
The master device selects the individual slave de-
vices by using four pins of a parallel port to control
the four SS pins of the slave devices.
The SS pins are pulled high during reset since the
master device ports will be forced to be inputs at
that time, thus disabling the slave devices.
Note: To prevent a bus conflict on the MISO line
the master allows only one active slave device
during a transmission.
For more security, the slave device may respond
to the master with the received data byte. Then the
master will receive the previous byte back from the
slave device if all MISO and MOSI pins are con-
nected and the slave has not written to its SPIDR
register.
Other transmission security methods can use
ports for handshake lines or data bytes with com-
mand fields.
Multi-Master System
A multi-master system may also be configured by
the user. Transfer of master control could be im-
plemented using a handshake method through the
I/O ports or by an exchange of code messages
through the serial peripheral interface system.
The multi-master system is principally handled by
the MSTR bit in the SPICR register and the MODF
bit in the SPICSR register.
Figure 53. Single Master / Multiple Slave Configuration
MISO
MOSI
MOSI
MOSI
MOSI
MOSI
MISO
MISO
MISO
MISO
SS
SS
SS
SS
SS
SCK
SCK
SCK
SCK
SCK
5V
Slave
Device
Slave
Device
Slave
Device
Slave
Device
Master
Device
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com