Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 94Page - STMicroelectronics ST7LITE39 Datasheet HTML 95Page - STMicroelectronics ST7LITE39 Datasheet HTML 96Page - STMicroelectronics ST7LITE39 Datasheet HTML 97Page - STMicroelectronics ST7LITE39 Datasheet HTML 98Page - STMicroelectronics ST7LITE39 Datasheet HTML 99Page - STMicroelectronics ST7LITE39 Datasheet HTML 100Page - STMicroelectronics ST7LITE39 Datasheet HTML 101Page - STMicroelectronics ST7LITE39 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 167 page
background image
ST7LITE3
98/167
LINSCI
™ SERIAL COMMUNICATION INTERFACE (SCI Mode) (Cont’d)
11.5.8 SCI Mode Register Description
STATUS REGISTER (SCISR)
Read Only
Reset Value: 1100 0000 (C0h)
Bit 7 = TDRE Transmit data register empty.
This bit is set by hardware when the content of the
TDR register has been transferred into the shift
register. An interrupt is generated if the TIE =1 in
the SCICR2 register. It is cleared by a software se-
quence (an access to the SCISR register followed
by a write to the SCIDR register).
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
Bit 6 = TC Transmission complete.
This bit is set by hardware when transmission of a
character containing Data is complete. An inter-
rupt is generated if TCIE=1 in the SCICR2 regis-
ter. It is cleared by a software sequence (an ac-
cess to the SCISR register followed by a write to
the SCIDR register).
0: Transmission is not complete
1: Transmission is complete
Note: TC is not set after the transmission of a Pre-
amble or a Break.
Bit 5 = RDRF Received data ready flag.
This bit is set by hardware when the content of the
RDR register has been transferred to the SCIDR
register. An interrupt is generated if RIE=1 in the
SCICR2 register. It is cleared by a software se-
quence (an access to the SCISR register followed
by a read to the SCIDR register).
0: Data is not received
1: Received data is ready to be read
Bit 4 = IDLE Idle line detected.
This bit is set by hardware when an Idle Line is de-
tected. An interrupt is generated if the ILIE=1 in
the SCICR2 register. It is cleared by a software se-
quence (an access to the SCISR register followed
by a read to the SCIDR register).
0: No Idle Line is detected
1: Idle Line is detected
Note: The IDLE bit will not be set again until the
RDRF bit has been set itself (i.e. a new idle line oc-
curs).
Bit 3 = OR Overrun error
The OR bit is set by hardware when the word cur-
rently being received in the shift register is ready to
be transferred into the RDR register whereas
RDRF is still set. An interrupt is generated if RIE=1
in the SCICR2 register. It is cleared by a software
sequence (an access to the SCISR register fol-
lowed by a read to the SCIDR register).
0: No Overrun error
1: Overrun error detected
Note: When this bit is set, RDR register contents
will not be lost but the shift register will be overwrit-
ten.
Bit 2 = NF Character Noise flag
This bit is set by hardware when noise is detected
on a received character. It is cleared by a software
sequence (an access to the SCISR register fol-
lowed by a read to the SCIDR register).
0: No noise
1: Noise is detected
Note: This bit does not generate interrupt as it ap-
pears at the same time as the RDRF bit which it-
self generates an interrupt.
Bit 1 = FE Framing error.
This bit is set by hardware when a de-synchroniza-
tion, excessive noise or a break character is de-
tected. It is cleared by a software sequence (an
access to the SCISR register followed by a read to
the SCIDR register).
0: No Framing error
1: Framing error or break character detected
Notes:
– This bit does not generate an interrupt as it ap-
pears at the same time as the RDRF bit which it-
self generates an interrupt. If the word currently
being transferred causes both a frame error and
an overrun error, it will be transferred and only
the OR bit will be set.
Bit 0 = PE Parity error.
This bit is set by hardware when a byte parity error
occurs (if the PCE bit is set) in receiver mode. It is
cleared by a software sequence (a read to the sta-
tus register followed by an access to the SCIDR
data register). An interrupt is generated if PIE=1 in
the SCICR1 register.
0: No parity error
1: Parity error detected
7
0
TDRE
TC
RDRF
IDLE
OR1)
NF1)
FE1)
PE1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com