Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 37Page - STMicroelectronics ST7LITE39 Datasheet HTML 38Page - STMicroelectronics ST7LITE39 Datasheet HTML 39Page - STMicroelectronics ST7LITE39 Datasheet HTML 40Page - STMicroelectronics ST7LITE39 Datasheet HTML 41Page - STMicroelectronics ST7LITE39 Datasheet HTML 42Page - STMicroelectronics ST7LITE39 Datasheet HTML 43Page - STMicroelectronics ST7LITE39 Datasheet HTML 44Page - STMicroelectronics ST7LITE39 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 167 page
background image
ST7LITE3
41/167
POWER SAVING MODES (Cont’d)
Figure 25. ACTIVE-HALT Timing Overview
Figure 26. ACTIVE-HALT Mode Flow-chart
Notes:
1. This delay occurs only if the MCU exits ACTIVE-
HALT mode by means of a RESET.
2. Peripherals clocked with an external clock
source can still be active.
3. Only the RTC1 interrupt and some specific inter-
rupts can exit the MCU from ACTIVE-HALT mode.
Refer to Table 5, “Interrupt Mapping,” on page 34
for more details.
4. Before servicing an interrupt, the CC register is
pushed on the stack. The I bit of the CC register is
set during the interrupt routine and cleared when
the CC register is popped.
9.6 AUTO WAKE UP FROM HALT MODE
Auto Wake Up From Halt (AWUFH) mode is simi-
lar to Halt mode with the additional of an internal
RC oscillator for wake-up. Compared to ACTIVE-
HALT mode, AWUFH has lower power consump-
tion (the main clock is not kept running), but there
is no accurate realtime clock available.
It is entered by executing the HALT instruction
when the AWUEN bit in the AWUCSR register has
been set.
Figure 27. AWUFH Mode Block Diagram
As soon as HALT mode is entered, and if the
AWUEN bit has been set in the AWUCSR register,
the AWU RC oscillator provides a clock signal
(fAWU_RC). Its frequency is divided by a fixed divid-
er and a programmable prescaler controlled by the
AWUPR register. The output of this prescaler pro-
vides the delay time. When the delay has elapsed
the AWUF flag is set by hardware and an interrupt
wakes-up the MCU from Halt mode. At the same
time the main oscillator is immediately turned on
and a 256 cycle delay is used to stabilize it. After
this start-up delay, the CPU resumes operation by
servicing the AWUFH interrupt. The AWU flag and
its associated interrupt are cleared by software
reading the AWUCSR register.
To compensate for any frequency dispersion of
the AWU RC oscillator, it can be calibrated by
measuring the clock frequency fAWU_RC and then
calculating the right prescaler value. Measurement
mode is enabled by setting the AWUM bit in the
AWUCSR register in Run mode. This connects
fAWU_RC to the input capture of the 12-bit Auto-Re-
lad timer, allowing the fAWU_RC to be measured
using the main oscillator clock as a reference time-
base.
HALT
RUN
RUN
256 OR 4096 CPU
CYCLE DELAY 1)
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
ACTIVE
[Active Halt Enabled]
HALT INSTRUCTION
RESET
INTERRUPT 3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS 2)
IBIT
ON
OFF
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS 2)
IBIT
ON
OFF
X 4)
ON
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
ON
X 4)
ON
256 OR 4096 CPU
DELAY
(Active Halt enabled)
(AWUCSR.AWUEN=0)
CLOCK CYCLE
AWU RC
AWUFH
fAWU_RC
AWUFH
(ei0 source)
Oscillator
prescaler/1 .. 255
interrupt
/64
divider
to
1
0
AWUCK Opt bit
Input Capture
32-KHz
Oscillator
Timer
Auto-Reload
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com