Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 63Page - STMicroelectronics ST7LITE39 Datasheet HTML 64Page - STMicroelectronics ST7LITE39 Datasheet HTML 65Page - STMicroelectronics ST7LITE39 Datasheet HTML 66Page - STMicroelectronics ST7LITE39 Datasheet HTML 67Page - STMicroelectronics ST7LITE39 Datasheet HTML 68Page - STMicroelectronics ST7LITE39 Datasheet HTML 69Page - STMicroelectronics ST7LITE39 Datasheet HTML 70Page - STMicroelectronics ST7LITE39 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 167 page
background image
ST7LITE3
67/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
Bit 4 = BPEN Break Pin Enable.
This bit is read/write by software and cleared by
hardware after Reset.
0: Break pin disabled
1: Break pin enabled
Bit 3:0 = PWM[3:0] Break Pattern.
These bits are read/write by software and cleared
by hardware after a reset. They are used to force
the four PWMx output signals into a stable state
when the Break function is active.
PWMx DUTY CYCLE REGISTER HIGH (DCRxH)
Read / Write
Reset Value: 0000 0000 (00h)
PWMx DUTY CYCLE REGISTER LOW (DCRxL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Bits 11:0 = DCRx[11:0] PWMx Duty Cycle Value
This 12-bit value is written by software. It defines
the duty cycle of the corresponding PWM output
signal (see Figure 36).
In PWM mode (OEx=1 in the PWMCR register)
the DCR[11:0] bits define the duty cycle of the
PWMx output signal (see Figure 36). In Output
Compare mode, they define the value to be com-
pared with the 12-bit upcounter value.
INPUT CAPTURE REGISTER HIGH (ATICRH)
Read only
Reset Value: 0000 0000 (00h)
INPUT CAPTURE REGISTER LOW (ATICRL)
Read only
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Bits 11:0 = ICR[11:0] Input Capture Data.
This is a 12-bit register which is readable by soft-
ware and cleared by hardware after a reset. The
ATICR register contains captured the value of the
12-bit CNTR1 register when a rising or falling edge
occurs on the ATIC or LTIC pin (depending on
ICS). Capture will only be performed when the ICF
flag is cleared.
TIMER CONTROL REGISTER2 (ATCSR2)
Read/Write
Reset Value: 0000 0011 (03h)
Bits 7:6 = Reserved. Forced by hardware to 0.
Bit 5 = ICS Input Capture Shorted
This bit is read/write by software. It allows the AT-
timer CNTR1 to use the LTIC pin for long input
capture.
0 : ATIC for CNTR1 input capture
1 : LTIC for CNTR1 input capture
15
8
0
0
0
0
DCR11 DCR10 DCR9
DCR8
7
0
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
15
8
0
0
0
0
ICR11 ICR10
ICR9
ICR8
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
7
0
0
0
ICS
OVFIE2
OVF2
ENCNT
R2
TRAN2 TRAN1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com