Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 57Page - STMicroelectronics ST7LITE39 Datasheet HTML 58Page - STMicroelectronics ST7LITE39 Datasheet HTML 59Page - STMicroelectronics ST7LITE39 Datasheet HTML 60Page - STMicroelectronics ST7LITE39 Datasheet HTML 61Page - STMicroelectronics ST7LITE39 Datasheet HTML 62Page - STMicroelectronics ST7LITE39 Datasheet HTML 63Page - STMicroelectronics ST7LITE39 Datasheet HTML 64Page - STMicroelectronics ST7LITE39 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 167 page
background image
ST7LITE3
61/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
11.2.3.3 Input Capture Mode
The 12-bit ATICR register is used to latch the val-
ue of the 12-bit free running upcounter CNTR1 af-
ter a rising or falling edge is detected on the ATIC
pin. When an input capture occurs, the ICF bit is
set and the ATICR register contains the value of
the free running upcounter. An IC interrupt is gen-
erated if the ICIE bit is set. The ICF bit is reset by
reading the ATICRH/ATICRL register when the
ICF bit is set. The ATICR is a read only register
and always contains the free running upcounter
value which corresponds to the most recent input
capture. Any further input capture is inhibited while
the ICF bit is set.
Figure 41. Block Diagram of Input Capture Mode
Figure 42. Input Capture timing diagram
ATCSR
CK0
CK1
ICIE
ICF
12-BIT AUTORELOAD REGISTER
12-BIT UPCOUNTER1
fCPU
ATIC
12-BIT INPUT CAPTURE REGISTER
IC INTERRUPT
REQUEST
ATR1
ATICR
CNTR1
(1 ms
fLTIMER
@ 8MHz)
timebase
OFF
COUNTER1
t
01h
fCOUNTER
xxh
02h
03h
04h
05h
06h
07h
04h
ATIC PIN
ICF FLAG
INTERRUPT
08h
09h
0Ah
INTERRUPT
ATICR READ
09h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com