Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 45Page - STMicroelectronics ST7LITE39 Datasheet HTML 46Page - STMicroelectronics ST7LITE39 Datasheet HTML 47Page - STMicroelectronics ST7LITE39 Datasheet HTML 48Page - STMicroelectronics ST7LITE39 Datasheet HTML 49Page - STMicroelectronics ST7LITE39 Datasheet HTML 50Page - STMicroelectronics ST7LITE39 Datasheet HTML 51Page - STMicroelectronics ST7LITE39 Datasheet HTML 52Page - STMicroelectronics ST7LITE39 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 167 page
background image
ST7LITE3
49/167
I/O PORTS (Cont’d)
The I/O port register configurations are summa-
rised as follows.
Standard Ports
PA7:0, PB6:0
Interrupt Ports
Ports where the external interrupt capability is
selected using the EISR register
Table 10. Port Configuration (Standard ports)
Note: On ports where the external interrupt capability is selected using the EISR register, the configura-
tion will be as follows:
Table 11. Port Configuration (external interrupts)
Table 12. I/O Port Register Map and Reset Values
MODE
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
Port
Pin name
Input (DDR=0)
Output (DDR=1)
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
floating
pull-up
open drain
push-pull
Port B
PB6:0
floating
pull-up
open drain
push-pull
Port
Pin name
Input with interrupt (DDR=0 ; EISR
≠00)
OR = 0
OR = 1
Port A
PA6:1
floating
pull-up
Port B
PB5:0
floating
pull-up
Address
(Hex.)
Register
Label
7
6
5
4
3
2
1
0
0000h
PADR
Reset Value
MSB
1
1
1
1
1
1
1
LSB
1
0001h
PADDR
Reset Value
MSB
0
0
0
0
0
0
0
LSB
0
0002h
PAOR
Reset Value
MSB
0
1
0
0
0
0
0
LSB
0
0003h
PBDR
Reset Value
MSB
1
1
1
1
1
1
1
LSB
1
0004h
PBDDR
Reset Value
MSB
0
0
0
0
0
0
0
LSB
0
0005h
PBOR
Reset Value
MSB
0
0
0
0
0
0
0
LSB
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com