Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 30Page - STMicroelectronics ST7LITE39 Datasheet HTML 31Page - STMicroelectronics ST7LITE39 Datasheet HTML 32Page - STMicroelectronics ST7LITE39 Datasheet HTML 33Page - STMicroelectronics ST7LITE39 Datasheet HTML 34Page - STMicroelectronics ST7LITE39 Datasheet HTML 35Page - STMicroelectronics ST7LITE39 Datasheet HTML 36Page - STMicroelectronics ST7LITE39 Datasheet HTML 37Page - STMicroelectronics ST7LITE39 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 167 page
background image
ST7LITE3
34/167
INTERRUPTS (Cont’d)
Figure 19. Interrupt Processing Flowchart
Table 5. Interrupt Mapping
Note 1: This interrupt exits the MCU from “Auto Wake-up from Halt” mode only.
Note 2: These interrupts exit the MCU from “ACTIVE-HALT” mode only.
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
0
AWU
7 Interrupt
AWUCSR
yes1)
FFFAh-FFFBh
1
ei0
External Interrupt 0
N/A
yes
FFF8h-FFF9h
2
ei1
External Interrupt 1
FFF6h-FFF7h
3
ei2
External Interrupt 2
FFF4h-FFF5h
4
ei3
External Interrupt 3
FFF2h-FFF3h
5
LITE TIMER
LITE TIMER RTC2 interrupt
LTCSR2
no
FFF0h-FFF1h
6
LINSCI
LINSCI Interrupt
SCICR1/
SCICR2
no
FFEEh-FFEFh
7
SI
AVD interrupt
SICSR
no
FFECh-FFEDh
8
AT TIMER
AT TIMER Output Compare Interrupt
or Input Capture Interrupt
PWMxCSR
or ATCSR
no
FFEAh-FFEBh
9
AT TIMER Overflow Interrupt
ATCSR
yes2)
FFE8h-FFE9h
10
LITE TIMER
LITE TIMER Input Capture Interrupt
LTCSR
no
FFE6h-FFE7h
11
LITE TIMER RTC1 Interrupt
LTCSR
yes2)
FFE4h-FFE5h
12
SPI
SPI Peripheral Interrupts
SPICSR
yes
FFE2h-FFE3h
13
AT TIMER
AT TIMER Overflow Interrupt 2
ATCSR2
no
FFE0h-FFE1h
I BIT SET?
Y
N
IRET?
Y
N
FROM RESET
LOAD PC FROM INTERRUPT VECTOR
STACK PC, X, A, CC
SET I BIT
FETCH NEXT INSTRUCTION
EXECUTE INSTRUCTION
THIS CLEARS I BIT BY DEFAULT
RESTORE PC, X, A, CC FROM STACK
INTERRUPT
Y
N
PENDING?
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com