Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 28Page - STMicroelectronics ST7LITE39 Datasheet HTML 29Page - STMicroelectronics ST7LITE39 Datasheet HTML 30Page - STMicroelectronics ST7LITE39 Datasheet HTML 31Page - STMicroelectronics ST7LITE39 Datasheet HTML 32Page - STMicroelectronics ST7LITE39 Datasheet HTML 33Page - STMicroelectronics ST7LITE39 Datasheet HTML 34Page - STMicroelectronics ST7LITE39 Datasheet HTML 35Page - STMicroelectronics ST7LITE39 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 167 page
background image
ST7LITE3
32/167
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
7.6.4 Register Description
SYSTEM INTEGRITY (SI) CONTROL/STATUS REGISTER (SICSR)
Read/Write
Reset Value: 0000 0xx0 (0xh)
Bit 7 = Reserved, must be kept cleared.
Bits 6:5 = CR[1:0] RC Oscillator Frequency Ad-
justment bits
These bits, as well as CR[9:2] bits in the RCCR
register must be written immediately after reset to
adjust the RC oscillator frequency and to obtain an
accuracy of 1%. Refer to section 7.3 on page 23
Bit 4 = WDGRF Watchdog reset flag
This bit indicates that the last Reset was generat-
ed by the Watchdog peripheral. It is set by hard-
ware (watchdog reset) and cleared by software (by
reading SICSR register) or an LVD Reset (to en-
sure a stable cleared state of the WDGRF flag
when CPU starts).
Combined with the LVDRF flag information, the
flag description is given by the following table.
Bit 3 = LOCKED PLL Locked Flag
This bit is set and cleared by hardware. It is set au-
tomatically when the PLL reaches its operating fre-
quency.
0: PLL not locked
1: PLL locked
Bit 2 = LVDRF LVD reset flag
This bit indicates that the last Reset was generat-
ed by the LVD block. It is set by hardware (LVD re-
set) and cleared by software (by reading). When
the LVD is disabled by OPTION BYTE, the LVDRF
bit value is undefined.
Bit 1 = AVDF Voltage Detector flag
This read-only bit is set and cleared by hardware.
If the AVDIE bit is set, an interrupt request is gen-
erated when the AVDF bit is set. Refer to Figure
18 and to Section 7.6.2.1 for additional details.
0: VDD over AVD threshold
1: VDD under AVD threshold
Bit 0 = AVDIE Voltage Detector interrupt enable
This bit is set and cleared by software. It enables
an interrupt to be generated when the AVDF flag is
set. The pending interrupt information is automati-
cally cleared when software enters the AVD inter-
rupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
7
0
0
CR1 CR0
WDG
RF
LOCKED LVDRF AVDF AVDIE
RESET Sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com