Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 87Page - STMicroelectronics ST7LITE39 Datasheet HTML 88Page - STMicroelectronics ST7LITE39 Datasheet HTML 89Page - STMicroelectronics ST7LITE39 Datasheet HTML 90Page - STMicroelectronics ST7LITE39 Datasheet HTML 91Page - STMicroelectronics ST7LITE39 Datasheet HTML 92Page - STMicroelectronics ST7LITE39 Datasheet HTML 93Page - STMicroelectronics ST7LITE39 Datasheet HTML 94Page - STMicroelectronics ST7LITE39 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 167 page
background image
ST7LITE3
91/167
LINSCI
™ SERIAL COMMUNICATION INTERFACE (SCI Mode) (Cont’d)
11.5.5 SCI Mode - Functional Description
Conventional Baud Rate Generator Mode
The block diagram of the Serial Control Interface
in conventional baud rate generator mode is
shown in Figure 54.
It uses 4 registers:
– Two control registers (SCICR1 and SCICR2)
– A status register (SCISR)
– A baud rate register (SCIBRR)
Extended Prescaler Mode
Two additional prescalers are available in extend-
ed prescaler mode. They are shown in Figure 56.
– An extended prescaler receiver register (SCIER-
PR)
– An extended prescaler transmitter register (SCI-
ETPR)
11.5.5.1 Serial Data Format
Word length may be selected as being either 8 or 9
bits by programming the M bit in the SCICR1 reg-
ister (see Figure 55).
The TDO pin is in low state during the start bit.
The TDO pin is in high state during the stop bit.
An Idle character is interpreted as a continuous
logic high level for 10 (or 11) full bit times.
A Break character is a character with a sufficient
number of low level bits to break the normal data
format followed by an extra “1” bit to acknowledge
the start bit.
Figure 55. Word length programming
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Start
Bit
Stop
Bit
Next
Start
Bit
Idle Line
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Start
Bit
Stop
Bit
Next
Start
Bit
Start
Bit
Idle Line
Start
Bit
9-bit Word length (M bit is set)
8-bit Word length (M bit is reset)
Possible
Parity
Bit
Possible
Parity
Bit
Break Character
Start
Bit
Extra
’1’
Data Character
Break Character
Start
Bit
Extra
’1’
Data Character
Next Data Character
Next Data Character
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com