Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 64Page - STMicroelectronics ST7LITE39 Datasheet HTML 65Page - STMicroelectronics ST7LITE39 Datasheet HTML 66Page - STMicroelectronics ST7LITE39 Datasheet HTML 67Page - STMicroelectronics ST7LITE39 Datasheet HTML 68Page - STMicroelectronics ST7LITE39 Datasheet HTML 69Page - STMicroelectronics ST7LITE39 Datasheet HTML 70Page - STMicroelectronics ST7LITE39 Datasheet HTML 71Page - STMicroelectronics ST7LITE39 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 167 page
background image
ST7LITE3
68/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
Bit 4 = OVFIE2 Overflow interrupt 2 enable
This bit is read/write by software and controls the
overflow interrupt of counter2.
0: Overflow interrupt disabled.
1: Overflow interrupt enabled.
Bit 3 = OVF2 Overflow Flag.
This bit is set by hardware and cleared by software
by reading the ATCSR2 register. It indicates the
transition of the counter2 from FFFh to ATR2 val-
ue.
0: No counter overflow occurred
1: Counter overflow occurred
Bit 2 = ENCNTR2 Enable counter2
This bit is read/write be software and switches the
second counter CNTR2. If this bit is set, PWM2
and PWM3 will be generated using CNTR2.
0: CNTR2 stopped.
1: CNTR2 starts running.
Bit 1= TRAN2 Transfer enable2
This bit is read/write by software, cleared by hard-
ware after each completed transfer and set by
hardware after reset. It controls the transfers on
CNTR2.
It allows the value of the Preload DCRx registers
to be transferred to the Active DCRx registers after
the next overflow event.
The OPx bits are transferred to the shadow OPx
bits in the same way.
(Only DCR2/DCR3 can be controlled with this bit)
Bit 0 = TRAN1 Transfer enable 1
This bit is read/write by software, cleared by hard-
ware after each completed transfer and set by
hardware after reset. It controls the transfers on
CNTR1. It allows the value of the Preload DCRx
registers to be transferred to the Active DCRx reg-
isters after the next overflow event.
The OPx bits are transferred to the shadow OPx
bits in the same way.
AUTORELOAD REGISTER2 (ATR2H)
Read / Write
Reset Value: 0000 0000 (00h)
AUTORELOAD REGISTER (ATR2L)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 11:0 = ATR2[11:0] Autoreload Register 2.
This is a 12-bit register which is written by soft-
ware. The ATR2 register value is automatically
loaded into the upcounter CNTR2 when an over-
flow of CNTR2 occurs. The register value is used
to
set
the
PWM2/PWM3
frequency
when
ENCNTR2 is set.
DEAD TIME GENERATOR REGISTER (DTGR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7 = DTE Dead Time Enable
This bit is read/write by software. It enables a dead
time generation on PWM0/PWM1.
0: No Dead time insertion.
1: Dead time insertion enabled.
Bit 6:0 = DT[6:0] Dead Time Value
These bits are read/write by software. They define
the dead time inserted between PWM0/PWM1.
Dead time is calculated as follows:
Dead Time = DT[6:0] x Tcounter1
15
8
0
0
0
0
ATR11 ATR10
ATR9
ATR8
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
7
0
DTE
DT6
DT5
DT4
DT3
DT2
DT1
DT0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com