Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 4Page - STMicroelectronics ST7LITE39 Datasheet HTML 5Page - STMicroelectronics ST7LITE39 Datasheet HTML 6Page - STMicroelectronics ST7LITE39 Datasheet HTML 7Page - STMicroelectronics ST7LITE39 Datasheet HTML 8Page - STMicroelectronics ST7LITE39 Datasheet HTML 9Page - STMicroelectronics ST7LITE39 Datasheet HTML 10Page - STMicroelectronics ST7LITE39 Datasheet HTML 11Page - STMicroelectronics ST7LITE39 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 167 page
background image
ST7LITE3
8/167
3 REGISTER & MEMORY MAP
As shown in Figure 3, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, 384 bytes of RAM, 256
bytes of data EEPROM and 8 Kbytes of user pro-
gram memory. The RAM space includes up to 128
bytes for the stack from 180h to 1FFh.
The highest address bytes contain the user reset
and interrupt vectors.
The Flash memory contains two sectors (see Fig-
ure 3) mapped in the upper part of the ST7 ad-
dressing space so the reset and interrupt vectors
are located in Sector 0 (F000h-FFFFh).
The size of Flash Sector 0 and other device op-
tions are configurable by Option byte.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
seved area can have unpredictable effects on the
device.
Figure 3. Memory Map
1. DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area but are special bytes
containing also the RC calibration values which are read-accessible only in user mode. If all the EEPROM
data or Flash space (including the RC calibration values locations) has been erased (after the read out
protection removal), then the RC calibration values can still be obtained through these addresses.
0000h
RAM
Flash Memory
(8K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 2)
1000h
10FFh
FFE0h
FFFFh
(see Table 5)
0200h
Reserved
01FFh
Short Addressing
RAM (zero page)
128 Bytes Stack
0180h
01FFh
0080h
00FFh
(384 Bytes)
E000h
1100h
DFFFh
Reserved
FFDFh
16-bit Addressing
RAM
0100h
017Fh
1 Kbyte
7 Kbytes
SECTOR 1
SECTOR 0
8K FLASH
FFFFh
FC00h
FBFFh
E000h
PROGRAM MEMORY
Data EEPROM
(256 Bytes)
DEE0h
RCCRH1
RCCRL1
see section 7.1 on page 22
and Note 1)
DEE1h
DEE2h
RCCRH0
RCCRL0
DEE3h
DEE4h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com