Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 92Page - STMicroelectronics ST7LITE39 Datasheet HTML 93Page - STMicroelectronics ST7LITE39 Datasheet HTML 94Page - STMicroelectronics ST7LITE39 Datasheet HTML 95Page - STMicroelectronics ST7LITE39 Datasheet HTML 96Page - STMicroelectronics ST7LITE39 Datasheet HTML 97Page - STMicroelectronics ST7LITE39 Datasheet HTML 98Page - STMicroelectronics ST7LITE39 Datasheet HTML 99Page - STMicroelectronics ST7LITE39 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 167 page
background image
ST7LITE3
96/167
LINSCI
™ SERIAL COMMUNICATION INTERFACE (SCI Mode) (Cont’d)
11.5.5.6 Receiver Muting and Wake-up Feature
In multiprocessor configurations it is often desira-
ble that only the intended message recipient
should actively receive the full message contents,
thus reducing redundant SCI service overhead for
all non-addressed receivers.
The non-addressed devices may be placed in
sleep mode by means of the muting function.
Setting the RWU bit by software puts the SCI in
sleep mode:
All the reception status bits can not be set.
All the receive interrupts are inhibited.
A muted receiver may be woken up in one of the
following ways:
– by Idle Line detection if the WAKE bit is reset,
– by Address Mark detection if the WAKE bit is set.
Idle Line Detection
Receiver wakes-up by Idle Line detection when
the Receive line has recognised an Idle Line. Then
the RWU bit is reset by hardware but the IDLE bit
is not set.
This feature is useful in a multiprocessor system
when the first characters of the message deter-
mine the address and when each message ends
by an idle line: As soon as the line becomes idle,
every receivers is waken up and analyse the first
characters of the message which indicates the ad-
dressed receiver. The receivers which are not ad-
dressed set RWU bit to enter in mute mode. Con-
sequently, they will not treat the next characters
constituting the next part of the message. At the
end of the message, an idle line is sent by the
transmitter: this wakes up every receivers which
are ready to analyse the addressing characters of
the new message.
In such a system, the inter-characters space must
be smaller than the idle time.
Address Mark Detection
Receiver wakes-up by Address Mark detection
when it received a “1” as the most significant bit of
a word, thus indicating that the message is an ad-
dress. The reception of this particular word wakes
up the receiver, resets the RWU bit and sets the
RDRF bit, which allows the receiver to receive this
word normally and to use it as an address word.
This feature is useful in a multiprocessor system
when the most significant bit of each character
(except for the break character) is reserved for Ad-
dress Detection. As soon as the receivers re-
ceived an address character (most significant bit
=’1’), the receivers are waken up. The receivers
which are not addressed set RWU bit to enter in
mute mode. Consequently, they will not treat the
next characters constituting the next part of the
message.
11.5.5.7 Parity Control
Hardware byte Parity control (generation of parity
bit in transmission and parity checking in recep-
tion) can be enabled by setting the PCE bit in the
SCICR1 register. Depending on the character for-
mat defined by the M bit, the possible SCI charac-
ter formats are as listed in Table 19.
Note: In case of wake up by an address mark, the
MSB bit of the data is taken into account and not
the parity bit
Table 19. Character Formats
Legend: SB = Start Bit, STB = Stop Bit,
PB = Parity Bit
Even parity: the parity bit is calculated to obtain
an even number of “1s” inside the character made
of the 7 or 8 LSB bits (depending on whether M is
equal to 0 or 1) and the parity bit.
Ex: data=00110101; 4 bits set => parity bit will be
0 if even parity is selected (PS bit = 0).
Odd parity: the parity bit is calculated to obtain an
odd number of “1s” inside the character made of
the 7 or 8 LSB bits (depending on whether M is
equal to 0 or 1) and the parity bit.
Ex: data=00110101; 4 bits set => parity bit will be
1 if odd parity is selected (PS bit = 1).
Transmission mode: If the PCE bit is set then the
MSB bit of the data written in the data register is
not transmitted but is changed by the parity bit.
Reception mode: If the PCE bit is set then the in-
terface checks if the received data byte has an
even number of “1s” if even parity is selected
(PS=0) or an odd number of “1s” if odd parity is se-
lected (PS=1). If the parity check fails, the PE flag
is set in the SCISR register and an interrupt is gen-
erated if PCIE is set in the SCICR1 register.
M bit PCE bit
Character format
0
0
| SB | 8 bit data | STB |
0
1
| SB | 7-bit data | PB | STB |
1
0
| SB | 9-bit data | STB |
1
1
| SB | 8-bit data | PB | STB |
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com