Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 26Page - STMicroelectronics ST7LITE39 Datasheet HTML 27Page - STMicroelectronics ST7LITE39 Datasheet HTML 28Page - STMicroelectronics ST7LITE39 Datasheet HTML 29Page - STMicroelectronics ST7LITE39 Datasheet HTML 30Page - STMicroelectronics ST7LITE39 Datasheet HTML 31Page - STMicroelectronics ST7LITE39 Datasheet HTML 32Page - STMicroelectronics ST7LITE39 Datasheet HTML 33Page - STMicroelectronics ST7LITE39 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 167 page
background image
ST7LITE3
30/167
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
7.6.2 Auxiliary Voltage Detector (AVD)
The Voltage Detector function (AVD) is based on
an analog comparison between a VIT-(AVD) and
VIT+(AVD) reference value and the VDD main sup-
ply voltage (VAVD). The VIT-(AVD) reference value
for falling voltage is lower than the VIT+(AVD) refer-
ence value for rising voltage in order to avoid par-
asitic detection (hysteresis).
The output of the AVD comparator is directly read-
able by the application software through a real
time status bit (AVDF) in the SICSR register. This
bit is read only.
Caution: The AVD functions only if the LVD is en-
abled through the option byte.
7.6.2.1 Monitoring the VDD Main Supply
The AVD voltage threshold value is relative to the
selected LVD threshold configured by option byte
(see section 15.1 on page 158).
If the AVD interrupt is enabled, an interrupt is gen-
erated when the voltage crosses the VIT+(LVD) or
VIT-(AVD) threshold (AVDF bit is set).
In the case of a drop in voltage, the AVD interrupt
acts as an early warning, allowing software to shut
down safely before the LVD resets the microcon-
troller. See Figure 18.
Figure 18. Using the AVD to Monitor VDD
VDD
VIT+(AVD)
VIT-(AVD)
AVDF bit
01
RESET
IF AVDIE bit = 1
Vhyst
AVD INTERRUPT
REQUEST
INTERRUPT Cleared by
VIT+(LVD)
VIT-(LVD)
LVD RESET
Early Warning Interrupt
(Power has dropped, MCU not
not yet in reset)
0
1
hardware
INTERRUPT Cleared by
reset
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com