Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 9Page - STMicroelectronics ST7LITE39 Datasheet HTML 10Page - STMicroelectronics ST7LITE39 Datasheet HTML 11Page - STMicroelectronics ST7LITE39 Datasheet HTML 12Page - STMicroelectronics ST7LITE39 Datasheet HTML 13Page - STMicroelectronics ST7LITE39 Datasheet HTML 14Page - STMicroelectronics ST7LITE39 Datasheet HTML 15Page - STMicroelectronics ST7LITE39 Datasheet HTML 16Page - STMicroelectronics ST7LITE39 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 167 page
background image
ST7LITE3
13/167
FLASH PROGRAM MEMORY (Cont’d)
4.5 Memory Protection
There are two different types of memory protec-
tion: Read Out Protection and Write/Erase Protec-
tion which can be applied individually.
4.5.1 Read out Protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
Even if no protection can be considered as totally
unbreakable, the feature provides a very high level
of protection for a general purpose microcontroller.
Both program and data E2 memory are protected.
In flash devices, this protection is removed by re-
programming the option. In this case, both pro-
gram and data E2 memory are automatically
erased and the device can be reprogrammed.
– Read-out protection selection is enabled and re-
moved through the FMP_R bit in the option byte.
4.5.2 Flash Write/Erase Protection
Write/erase protection, when set, makes it impos-
sible to both overwrite and erase program memo-
ry. It does not apply to E2 data. Its purpose is to
provide advanced security to applications and pre-
vent any change being made to the memory con-
tent.
Warning: Once set, Write/erase protection can
never be removed. A write-protected flash device
is no longer reprogrammable.
Write/erase protection is enabled through the
FMP_W bit in the option byte.
4.6 Related Documentation
For details on Flash programming and ICC proto-
col, refer to the ST7 Flash Programming Refer-
ence Manual and to the ST7 ICC Protocol Refer-
ence Manual
.
4.7 Register Description
FLASH CONTROL/STATUS REGISTER (FCSR)
Read/Write
Reset Value: 000 0000 (00h)
1st RASS Key: 0101 0110 (56h)
2nd RASS Key: 1010 1110 (AEh)
Note: This register is reserved for programming
using ICP, IAP or other programming methods. It
controls the XFlash programming and erasing op-
erations.
When an EPB or another programming tool is
used (in socket or ICP mode), the RASS keys are
sent automatically.
7
0
0
0
0
0
0
OPT
LAT
PGM
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com