Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 58Page - STMicroelectronics ST7LITE39 Datasheet HTML 59Page - STMicroelectronics ST7LITE39 Datasheet HTML 60Page - STMicroelectronics ST7LITE39 Datasheet HTML 61Page - STMicroelectronics ST7LITE39 Datasheet HTML 62Page - STMicroelectronics ST7LITE39 Datasheet HTML 63Page - STMicroelectronics ST7LITE39 Datasheet HTML 64Page - STMicroelectronics ST7LITE39 Datasheet HTML 65Page - STMicroelectronics ST7LITE39 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 167 page
background image
ST7LITE3
62/167
DUAL 12-BIT AUTORELOAD TIMER 3 (Cont’d)
■ Long input capture
Pulses that last between 8µs and 2s can be meas-
ured with an accuracy of 4µs if fOSC = 8MHz in the
following conditions:
– The 12-bit AT3 Timer is clocked by the Lite Timer
(RTC pulse: CK[1:0] = 01 in the ATCSR register)
– The ICS bit in the ATCSR2 register is set so that
the LTIC pin is used to trigger the AT3 Timer cap-
ture.
– The signal to be captured is connected to LTIC
pin
– Input Capture registers LTICR, ATICRH and
ATICRL are read
This configuration allows to cascade the Lite Timer
and the 12-bit AT3 Timer to get a 20-bit input cap-
ture value. Refer to Figure 43.
Figure 43. Long Range Input Capture Block Diagram
Notes:
1. Since the input capture flags (ICF) for both tim-
ers (AT3 Timer and LT Timer) are set when signal
transition occurs, software must mask one inter-
rupt by clearing the corresponding ICIE bit before
setting the ICS bit.
2. If the ICS bit changes (from 0 to 1 or from 1 to
0), a spurious transition might occur on the input
capture signal because of different values on LTIC
and ATIC. To avoid this situation, it is recommend-
ed to do as follows:
– First, reset both ICIE bits.
– Then set the ICS bit.
– Reset both ICF bits.
– And then set the ICIE bit of desired interrupt.
3. How to compute a pulse length with long input
capture feature.
As both timers are used, computing a pulse length
is not straight-forward. The procedure is as fol-
lows:
– At the first input capture on the rising edge of the
pulse, we assume that values in the registers are
as follows:
LTICR = LT1
ATICRH = ATH1
ATICRL = ATL1
Hence ATICR1 [11:0] = ATH1 & ATL1
Refer to Figure 44 on page 63.
LTIC
ATIC
ICS
1
0
12-bit Input Capture Register
OFF
fcpu
fLTIMER
12-bit Upcounter1
12-bit AutoReload Register
8-bit Input Capture Register
8-bit Timebase Counter1
fOSC/32
LTICR
CNTR1
ATICR
ATR1
8 LSB bits
12 MSB bits
LITE TIMER
12-Bit ARTIMER
20
cascaded
bits
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com