Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 67Page - STMicroelectronics ST7LITE39 Datasheet HTML 68Page - STMicroelectronics ST7LITE39 Datasheet HTML 69Page - STMicroelectronics ST7LITE39 Datasheet HTML 70Page - STMicroelectronics ST7LITE39 Datasheet HTML 71Page - STMicroelectronics ST7LITE39 Datasheet HTML 72Page - STMicroelectronics ST7LITE39 Datasheet HTML 73Page - STMicroelectronics ST7LITE39 Datasheet HTML 74Page - STMicroelectronics ST7LITE39 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 167 page
background image
ST7LITE3
71/167
11.3 LITE TIMER 2 (LT2)
11.3.1 Introduction
The Lite Timer can be used for general-purpose
timing functions. It is based on two free-running 8-
bit upcounters and an 8-bit input capture register.
11.3.2 Main Features
■ Realtime Clock (RTC)
– One 8-bit upcounter 1 ms or 2 ms timebase
period (@ 8 MHz fOSC)
– One 8-bit upcounter with autoreload and pro-
grammable timebase period from 4µs to
1.024ms in 4µs increments (@ 8 MHz fOSC)
– 2 Maskable timebase interrupts
■ Input Capture
– 8-bit input capture register (LTICR)
– Maskable interrupt with wakeup from Halt
Mode capability
Figure 45. Lite Timer 2 Block Diagram
LTCSR1
8-bit TIMEBASE
/2
8-bit
fLTIMER
8
LTIC
fOSC/32
TB1F
TB1IE
TB
ICF
ICIE
LTTB1 INTERRUPT REQUEST
LTIC INTERRUPT REQUEST
LTICR
INPUT CAPTURE
REGISTER
1
0
1 or 2 ms
Timebase
(@ 8MHz
fOSC)
To 12-bit AT TImer
fLTIMER
LTCSR2
TB2F
0
TB2IE
0
LTTB2
8-bit TIMEBASE
0
0
8-bit AUTORELOAD
REGISTER
8
LTCNTR
LTARR
COUNTER 2
COUNTER 1
0
0
Interrupt request
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com