Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 31Page - STMicroelectronics ST7LITE39 Datasheet HTML 32Page - STMicroelectronics ST7LITE39 Datasheet HTML 33Page - STMicroelectronics ST7LITE39 Datasheet HTML 34Page - STMicroelectronics ST7LITE39 Datasheet HTML 35Page - STMicroelectronics ST7LITE39 Datasheet HTML 36Page - STMicroelectronics ST7LITE39 Datasheet HTML 37Page - STMicroelectronics ST7LITE39 Datasheet HTML 38Page - STMicroelectronics ST7LITE39 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 167 page
background image
ST7LITE3
35/167
INTERRUPTS (Cont’d)
EXTERNAL INTERRUPT CONTROL REGISTER
(EICR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = IS3[1:0] ei3 sensitivity
These bits define the interrupt sensitivity for ei3
(Port B0) according to Table 6.
Bit 5:4 = IS2[1:0] ei2 sensitivity
These bits define the interrupt sensitivity for ei2
(Port B3) according to Table 6.
Bit 3:2 = IS1[1:0] ei1 sensitivity
These bits define the interrupt sensitivity for ei1
(Port A7) according to Table 6.
Bit 1:0 = IS0[1:0] ei0 sensitivity
These bits define the interrupt sensitivity for ei0
(Port A0) according to Table 6.
Note: These 8 bits can be written only when the I
bit in the CC register is set.
Table 6. Interrupt Sensitivity Bits
.
EXTERNAL INTERRUPT SELECTION REGIS-
TER (EISR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = ei3[1:0] ei3 pin selection
These bits are written by software. They select the
Port B I/O pin used for the ei3 external interrupt ac-
cording to the table below.
External Interrupt I/O pin selection
* Reset State
Bit 5:4 = ei2[1:0] ei2 pin selection
These bits are written by software. They select the
Port B I/O pin used for the ei2 external interrupt ac-
cording to the table below.
External Interrupt I/O pin selection
* Reset State
7
0
IS31
IS30
IS21
IS20
IS11
IS10
IS01
IS00
ISx1 ISx0
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
7
0
ei31
ei30
ei21
ei20
ei11
ei10
ei01
ei00
ei31
ei30
I/O Pin
0
0
No interrupt *
0
1
PB0
1
0
PB1
1
1
PB2
ei21
ei20
I/O Pin
0
0
No interrupt *
0
1
PB3
1
0
PB5
1
1
PB6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com