Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 70Page - STMicroelectronics ST7LITE39 Datasheet HTML 71Page - STMicroelectronics ST7LITE39 Datasheet HTML 72Page - STMicroelectronics ST7LITE39 Datasheet HTML 73Page - STMicroelectronics ST7LITE39 Datasheet HTML 74Page - STMicroelectronics ST7LITE39 Datasheet HTML 75Page - STMicroelectronics ST7LITE39 Datasheet HTML 76Page - STMicroelectronics ST7LITE39 Datasheet HTML 77Page - STMicroelectronics ST7LITE39 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 167 page
background image
ST7LITE3
74/167
LITE TIMER (Cont’d)
LITE TIMER COUNTER 2 (LTCNTR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:0 = CNT[7:0] Counter 2 Reload Value.
This register is read by software. The LTARR val-
ue is automatically loaded into Counter 2 (LTCN-
TR) when an overflow occurs.
LITE TIMER CONTROL/STATUS REGISTER
(LTCSR1)
Read / Write
Reset Value: 0x00 0000 (x0h)
Bit 7 = ICIE Interrupt Enable.
This bit is set and cleared by software.
0: Input Capture (IC) interrupt disabled
1: Input Capture (IC) interrupt enabled
Bit 6 = ICF Input Capture Flag.
This bit is set by hardware and cleared by software
by reading the LTICR register. Writing to this bit
does not change the bit value.
0: No input capture
1: An input capture has occurred
Note: After an MCU reset, software must initialise
the ICF bit by reading the LTICR register
Bit 5 = TB Timebase period selection.
This bit is set and cleared by software.
0: Timebase period = tOSC * 8000 (1ms @ 8 MHz)
1: Timebase period = tOSC * 16000 (2ms @ 8
MHz)
Bit 4 = TB1IE Timebase Interrupt enable.
This bit is set and cleared by software.
0: Timebase (TB1) interrupt disabled
1: Timebase (TB1) interrupt enabled
Bit 3 = TB1F Timebase Interrupt Flag.
This bit is set by hardware and cleared by software
reading the LTCSR register. Writing to this bit has
no effect.
0: No counter overflow
1: A counter overflow has occurred
Bits 2:0 = Reserved
LITE
TIMER
INPUT
CAPTURE
REGISTER
(LTICR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:0 = ICR[7:0] Input Capture Value
These bits are read by software and cleared by
hardware after a reset. If the ICF bit in the LTCSR
is cleared, the value of the 8-bit up-counter will be
captured when a rising or falling edge occurs on
the LTIC pin.
7
0
CNT7
CNT7
CNT7
CNT7
CNT3
CNT2
CNT1
CNT0
7
0
ICIE
ICF
TB
TB1IE
TB1F
-
-
-
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com