Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 117Page - STMicroelectronics ST7LITE39 Datasheet HTML 118Page - STMicroelectronics ST7LITE39 Datasheet HTML 119Page - STMicroelectronics ST7LITE39 Datasheet HTML 120Page - STMicroelectronics ST7LITE39 Datasheet HTML 121Page - STMicroelectronics ST7LITE39 Datasheet HTML 122Page - STMicroelectronics ST7LITE39 Datasheet HTML 123Page - STMicroelectronics ST7LITE39 Datasheet HTML 124Page - STMicroelectronics ST7LITE39 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 167 page
background image
ST7LITE3
121/167
10-BIT A/D CONVERTER (ADC) (Cont’d)
11.6.6 Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Read/Write (Except bit 7 read only)
Reset Value: 0000 0000 (00h)
Bit 7 = EOC End of Conversion
This bit is set by hardware. It is cleared by soft-
ware reading the ADCDRH register.
0: Conversion is not complete
1: Conversion complete
Bit 6 = SPEED ADC clock selection
This bit is set and cleared by software. It is used
together with the SLOW bit to configure the ADC
clock speed. Refer to the table in the SLOW bit de-
scription.
Bit 5 = ADON A/D Converter on
This bit is set and cleared by software.
0: A/D converter is switched off
1: A/D converter is switched on
Bit 4:3 = Reserved. Must be kept cleared.
Bit 2:0 = CH[2:0] Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
*The number of channels is device dependent. Refer to
the device pinout description.
DATA REGISTER HIGH (ADCDRH)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7:0 = D[9:2] MSB of Analog Converted Value
CONTROL AND DATA REGISTER LOW (AD-
CDRL)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:5 = Reserved. Forced by hardware to 0.
Bit 4 = Reserved. Forced by hardware to 0.
Bit 3 = SLOW Slow mode
This bit is set and cleared by software. It is used
together with the SPEED bit to configure the ADC
clock speed as shown on the table below.
Bit 2 = Reserved. Forced by hardware to 0.
Bit 1:0 = D[1:0] LSB of Analog Converted Value
7
0
EOC
SPEED ADON
0
0
CH2
CH1
CH0
Channel Pin*
CH2
CH1
CH0
AIN0
0
0
0
AIN1
0
0
1
AIN2
0
1
0
AIN3
0
1
1
AIN4
1
0
0
AIN5
1
0
1
AIN6
1
1
0
7
0
D9
D8
D7
D6
D5
D4
D3
D2
7
0
0
0
0
0
SLOW
0
D1
D0
fADC
SLOW SPEED
fCPU/2
0
0
fCPU
0
1
fCPU/4
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com