Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 24 of 57
1k
10k
100k
1M
10M
100M
–160
–140
–120
–100
–80
–60
–40
OFFSET FREQUENCY (Hz)
Figure 66. VCO_3 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_3 = 3.2 GHz, Divide by Two Selected, VCOVTUNE = 1.5 V
–230
–225
–220
–215
–210
–205
–200
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 67. PLL Figure of Merit (FOM) vs. LO Frequency, Integer Mode
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
10MHz OFFSET
500kHz OFFSET
100kHz OFFSET
1kHz OFFSET
–40°C
+25°C
+85°C
Figure 68. Open-Loop Phase Noise vs. LO Frequency,
Divide by Two Selected
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
LO_DIV = /2
LO_DIV = /4
LO_DIV = /8
Figure 69. VCO_3 Closed-Loop Phase Noise for Various LO_DIV Dividers vs.
Offset Frequency, fVCO_3 = 3.2 GHz
–230
–225
–220
–215
–210
–205
–200
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 70. PLL Figure of Merit (FOM) vs. LO Frequency, Fractional Mode Offset =
45 kHz, Bleed = 125 µA
–170
–160
–150
–140
–130
–120
–110
–100
–90
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
50kHz OFFSET
200kHz OFFSET
1MHz OFFSET
40MHz OFFSET
Figure 71. Open-Loop Phase Noise vs. LO Frequency,
Divide by Two Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com