Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 44 of 57
Address: 0x21, Reset: 0x0003, Name: PFD_CTRL1
Table 33. Bit Descriptions for PFD_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
15
UNUSED
Unused
0x0
RW
[14:13]
REF_MUX_SEL
REF output divide ratio/VPTAT/SCAN/LOCK_DET
0x0
RW
000
LOCK_DET
001
VPTAT
010
REFCLK
011
REFCLK/2
100
REFCLKx2
101
REFCLK/8
110
REFCLK/4
111
SCAN
12
PFD_POLARITY
PFD polarity
0x0
RW
0
POS
1
NEG
[11:0]
REFSEL
REF input divide ratio
0x3
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com