Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 11 of 57
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
35
36
34
33
32
31
30
29
28
27
26
25
ADRF6612
TOP VIEW
(Not to Scale)
GND
VCOVTUNE
GND
EXTVCOIN+
EXTVCOIN–
GND
VCC1
DECL1
DECL2
DECL3
DECL4
DECL5
RFIN1
VCC10
VCC9
VCC8
VCC7
LDO2
VCC6
VCC5
VCC4
RFIN2
RFBCT2
RFBCT1
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED PAD MUST BE CONNECTED TO A GROUND
PLANE WITH LOW THERMAL IMPEDANCE.
Figure 3. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Common Ground Connection for External Loop Filter.
2
VCOVTUNE
Control Voltage for Internal VCO.
3, 6
GND
Common Ground for External VCO.
4, 5
EXTVCOIN+, EXTVCOIN−
Inputs from External VCO to Internal Divider.
7
VCC1
3.7 V VCO Supply.
8, 9
DECL1, DECL2
LDO Output Decouplers for VCO.
10, 11
DECL3, DECL4
External Decouplers for VCO Buffer.
12
DECL5
External Decoupler for VCO Circuitry.
13, 14
LOOUT+, LOOUT−
Differential Outputs of Internally Generated LO.
15
LDO1
External Decoupling for Internal 2.5 V SPI Port LDO.
16
VCC2
3.7 V Supply for Programmable SPI Port.
17
SDIO
Serial Data Input/Output for Programmable SPI Port.
18
SCLK
Clock for Programmable SPI Port.
19
CS
SPI Chip Select, Asserted Low.
20, 41
VCC3, VCC11
5 V Biases for Channel 1 and Channel 2 IF.
21, 40
DNC
Do Not Connect. Do not connect this pin externally.
22, 23
IFOUT2+, IFOUT2−
Channel 2 Differential IF Outputs.
24, 37
GND, GND
Ground Connections for Channel 1 and Channel 2 IF Stage.
25
RFBCT2
Balun Center Tap Connection for Channel 2 RF Input.
26
RFIN2
Channel 2 RF Input.
27, 28, 29
VCC4, VCC5, VCC6
5 V Supplies for Mixer LO Amplifiers.
30
LDO2
External Decoupling for Internal 3.3 V PLL/Divider LDO.
31
VCC7
3.7 V Supply for Mixer LO Divider Chain.
32, 33, 34
VCC8, VCC9, VCC10
5 V Supplies for Mixer LO Amplifiers.
35
RFIN1
Channel 1 RF Input.
36
RFBCT1
Balun Center Tap Connection for Channel 1 RF Input.
38, 39
IFOUT1−, IFOUT1+
Channel 1 Differential IF Outputs.
42
MUXOUT
Internal Multiplexer Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com