Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6612ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 5 of 57
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VCO_0
Phase Noise, Locked
fLO = 5.1 GHz
1 kHz offset
−87
dBc/Hz
50 kHz offset
−94.9
dBc/Hz
100 kHz offset
−103.3
dBc/Hz
1 MHz offset
−132.9
dBc/Hz
10 MHz offset
−154.1
dBc/Hz
40 MHz offset
−155.2
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.87
°rms
VCO_1
Phase Noise, Locked
fLO = 4.45 GHz
1 kHz offset
−90
dBc/Hz
50 kHz offset
−98.4
dBc/Hz
100 kHz offset
−106.5
dBc/Hz
1 MHz offset
−136.1
dBc/Hz
10 MHz offset
−154.8
dBc/Hz
40 MHz offset
−155.5
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.63
°rms
VCO_2
Phase Noise, Locked
fLO = 3.8 GHz
1 kHz offset
−90
dBc/Hz
50 kHz offset
−98.1
dBc/Hz
100 kHz offset
−109.8
dBc/Hz
1 MHz offset
−137.1
dBc/Hz
10 MHz offset
−155.7
dBc/Hz
40 MHz offset
−156.2
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.61
°rms
VCO_3
Phase Noise, Locked
fLO = 3.2 GHz
1 kHz offset
−89
dBc/Hz
50 kHz offset
−97.2
dBc/Hz
100 kHz offset
−107
dBc/Hz
1 MHz offset
−136.2
dBc/Hz
10 MHz offset
−155.7
dBc/Hz
40 MHz offset
−157.3
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.64
°rms
1
The FOM is computed as phase noise (dBc/Hz) − 10Log10(fPFD) − 20Log10(fLO/fPFD). The FOM was measured across the full LO range, with fREF = 122.88 MHz and fREF
power = 6.5 dBm with a 1.536 MHz fPFD. The FOM was computed at 50 kHz offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com