Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 18 of 57
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
10
8
6
4
2
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Figure 34. IF Output Impedance (R Parallel C Equivalent)
0
1
2
3
4
5
6
7
8
9
10
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
BAL_COUT = 0
BAL_COUT = 2
BAL_COUT = 4
BAL_COUT = 6
BAL_COUT = 8
BAL_COUT = 10
BAL_COUT = 12
BAL_COUT = 14
Figure 35. Conversion Gain vs. RF Frequency for All RFB Settings,
VGS and LPF Use Optimum Settings
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
BAL_COUT = 0
BAL_COUT = 2
BAL_COUT = 4
BAL_COUT = 6
BAL_COUT = 8
BAL_COUT = 10
BAL_COUT = 12
BAL_COUT = 14
Figure 36. Input P1dB vs. RF Frequency for All RFB Settings,
VGS and LPF Use Optimum Settings
20
25
30
35
40
45
50
55
60
65
70
75
80
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 37. IF Channel-to-Channel Isolation vs. RF Frequency
over Three Temperatures
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
BAL_COUT = 0
BAL_COUT = 2
BAL_COUT = 4
BAL_COUT = 6
BAL_COUT = 8
BAL_COUT = 10
BAL_COUT = 12
BAL_COUT = 14
Figure 38. Input IP3 vs. RF Frequency for All RFB Settings,
VGS and LPF Use Optimum Settings
8
9
10
11
12
13
14
15
16
17
18
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
BAL_COUT = 0
BAL_COUT = 2
BAL_COUT = 4
BAL_COUT = 6
BAL_COUT = 8
BAL_COUT = 10
BAL_COUT = 12
BAL_COUT = 14
Figure 39. SSB Noise Figure vs. RF Frequency for All RFB Settings,
VGS and LPF Use Optimum Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com