Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 25 of 57
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
1430
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
1kHz OFFSET
100kHz OFFSET
500kHz OFFSET
10 MHz OFFSET
1630
1830
2030
2230
2430
2630
Figure 72. Integer Loop Filter Phase Noise, Divide by Two Selected,
Offset = 1 kHz, 100 kHz, 500 kHz, and 10 MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C
+25°C
+85°C
LO_DIV = /8
LO_DIV = /2
LO_DIV = /4
Figure 73. 10 kHz to 40 MHz Integrated Phase Noise vs. VCO Frequency,
Divide by Two, Four, and Eight, Including Spurs
–135
–125
–115
–105
–95
–85
–75
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C LO_DIV = /8
+25°C LO_DIV = /8
+85°C LO_DIV = /8
–40°C LO_DIV = /2
+25°C LO_DIV = /2
+85°C LO_DIV = /2
–40°C LO_DIV = /4
+25°C LO_DIV = /4
+85°C LO_DIV = /4
Figure 74. fPFD Reference Spurs vs. VCO Frequency,
1 × PFD Offset, Measured at LO Output, Integer Mode
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
LO FREQUENCY (Hz)
–40°C
+25°C
+85°C
50 kHz OFFSET
200 kHz OFFSET
1MHz OFFSET
40MHz OFFSET
1430
1630
1830
2030
2230
2430
2630
Figure 75. Integer Loop Filter Phase Noise, Divide by Two Selected,
Offset = 50 kHz, 200 kHz, 1 MHz, and 40 MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C
+25°C
+85°C
LO_DIV = /8
LO_DIV = /2
LO_DIV = /4
Figure 76. 10 kHz to 40 MHz Integrated Phase Noise vs. VCO Frequency,
Divide by Two, Four, and Eight, Excluding Spurs
–135
–125
–115
–105
–95
–85
–75
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C LO_DIV = /8
+25°C LO_DIV = /8
+85°C LO_DIV = /8
–40°C LO_DIV = /2
+25°C LO_DIV = /2
+85°C LO_DIV = /2
–40°C LO_DIV = /4
+25°C LO_DIV = /4
+85°C LO_DIV = /4
Figure 77. fPFD Reference Spurs vs. VCO Frequency,
2 × PFD Offset, Measured at LO Output, Integer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com