Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 45 of 57
Address: 0x22, Reset: 0x000A, Name: VCO_CTRL1
VCO LDO R4 control s etting
Select VCO core/external LO
111: None.
110: External LO/VCO.
101: None.
100: None.
011: VCO_3 = 2.85 GHz to 3.5 GHz.
010: VCO_2 = 3.5 GHz to 4.02 GHz.
001: VCO_1 = 4.02 GHz to 4.6 GHz.
000: VCO_0 = 4.6 GHz to 5.7 GHz.
VCO LDO R2 control s etting
LO_DIV
11: DIV8.
10: DIV4.
01: DIV2.
00: DIV1.
External LO am plitude
11: 9.2 dBm /49 m A.
10: 7.5 dBm /40 m A.
01: 4.6 dBm /28 m A.
00: -0.8 dBm /15 m A.
0
0
1
1
2
0
3
1
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] VCO_LDO_R4 (R/W)
[2:0] VCO_SEL (R/W)
[11:8] VCO_LDO_R2 (R/W)
[5:3] LO_DIV (R/W)
[7:6] LO_DRV_LVL (R/W)
Table 34. Bit Descriptions for VCO_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
VCO_LDO_R4
VCO LDO R4 control setting
0x0
RW
[11:8]
VCO_LDO_R2
VCO LDO R2 control setting
0x0
RW
[7:6]
LO_DRV_LVL
External LO amplitude
0x0
RW
00
−0.8 dBm/15 mA
01
4.6 dBm/28 mA
10
7.5 dBm/40 mA
11
9.2 dBm/49 mA
[5:3]
LO_DIV
LO_DIV
0x1
RW
00
DIV1
01
DIV2
10
DIV4
11
DIV8
[2:0]
VCO_SEL
Select VCO core/external LO
0x2
RW
000
VCO_0 = 4.6 GHz to 5.7 GHz
001
VCO_1 = 4.02 GHz to 4.6 GHz
010
VCO_2 = 3.5 GHz to 4.02 GHz
011
VCO_3 = 2.85 GHz to 3.5 GHz
100
None
101
None
110
External LO/VCO
111
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com