Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 29 of 57
SPURIOUS PERFORMANCE
(N × fRF) − (M × fLO) spur measurements were made using the standard evaluation board. Mixer spurious products are measured in dBc from the
IF output power level. Data was measured only for frequencies less than 6 GHz. Typical noise floor of the measurement system = −100 dBm.
High Performance Mode
VS = high performance mode, TA = 25°C, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, fPFD = 1.536 MHz, low-side LO injection,
optimum RFB and LPF settings, unless otherwise noted.
Table 11. RF = 900 MHz, LO = 697 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−27.1
−32.1
−39.1
−27.0
−54.2
−48.5
−69.3
−65.6
1
−35.5
0.0
−52.5
−18.4
−56.6
−43.6
−66.7
−53.5
−87.4
−73.5
2
−55.3
−68.9
−68.8
−73.4
−64.9
<−100
−68.3
<−100
−80.6
<−100
3
−88.2
−88.4
<−100
−79.5
<−100
−94.1
<−100
<−100
<−100
<−100
4
<−100
−56.6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
−43.6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
−66.7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
−53.5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
Table 12. RF = 1900 MHz, LO = 1697 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−37.0
−31.2
−64.2
1
−30.2
0.0
−47.9
−52.1
−74.4
2
−70.8
−71.9
−81.6
−81.2
−67.2
<−100
3
<−100
<−100
−93.5
−75.2
<−100
<−100
<−100
4
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
Table 13. RF = 2500 MHz, LO = 2297 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−40.7
−44.1
1
−29.0
0.0
−49.4
−58.7
2
−81.0
−87.3
−75.4
−79.0
−84.7
3
<−100
−91.9
−74.7
<−100
<−100
4
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
−92.5
<−100
<−100
7
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
9
<−100
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com