Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 38 of 57
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
IFA_MAIN
IFA_LIN = 0
IFA_LIN = 1
IFA_LIN = 2
IFA_LIN = 3
IFA_LIN = 4
IFA_LIN = 5
IFA_LIN = 6
IFA_LIN = 7
IFA_LIN = 8
IFA_LIN = 9
IFA_LIN = 10
IFA_LIN = 11
IFA_LIN = 12
IFA_LIN = 13
IFA_LIN = 14
Figure 101. IIP3 vs. Main (IFA_MAIN) and Linearity Bias (IFA_LIN) Level
at IF Frequency = 200 MHz
VGS PROGRAMMING
The ADRF6612 allows programmability for internal gate-to-source
voltages for optimizing mixer performance over the desired
frequency bands. The ADRF6612 default VGS setting is 0. Both
channels of the ADRF6612 are programmed together using the
same VGS setting. Power conversion gain, input IP3 NF, and input
P1dB can be optimized, as shown in Figure 40, Figure 41,
Figure 43, and Figure 44.
LOW-PASS FILTER PROGRAMMING
The ADRF6612 allows programmability for the low-pass filter
terminating the mixer output. This filter helps to block sum term
mixing products at the expense of some noise figure and gain
and can significantly increase input IP3. The ADRF6612 default
LPF setting is 0. Both channels of the ADRF6612 are programmed
together using the same LPF settings. Power conversion gain,
input IP3, NF, and input P1dB can be optimized, as shown in
Figure 42, Figure 45, Figure 46, and Figure 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com